Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVEG611Q Datasheet(PDF) 16 Page - STMicroelectronics

Part # STDRIVEG611Q
Description  High voltage and high-speed half-bridge gate driver for GaN power switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVEG611Q Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STDRIVEG611Q Datasheet HTML 12Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 13Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 14Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 15Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 16Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 17Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 18Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 19Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
6.3.1
Gate driving network for slow hard-off dV/dt (motor control applications)
While several applications, typically power conversion, tends to make desirable high dV/dt to minimize switching
losses, some others, notably motor control ones, could require limiting dV/dt at the expense of higher switching
losses.
The main reasons to limit dV/dt in motor control applications are:
EMI control: to pass regulatory emission masks.
Motor winding reliability: especially in high voltage applications with long cables, voltage overshoots on
motor poles/winding could generate partial discharge phenomena reducing winding lifetime.
Ball bearing reliability: winding parasitic capacitance to the rotor will generate current peaks during dV/dt
toward chassis earth. If those currents flow through classic steel ball bearings, those current can flute
bearing rollers and bearing races reducing lifetime.
Typically, the EMI point is the bottleneck to limit dV/dt even if the absence of diode recovery with GaN is now
pushing higher the dV/dt limit; motor winding and ball bearing issues are seldom, typically found when pushing
further dV/dt limit thanks to shorter cables or with specific motors.
Hard turn-on dV/dt reduction is an easy task by simply increasing RON resistor.
Hard turn-off dV/dt is generally proportional to load parasitic capacitance (the higher the motor parasitic
capacitance, the slower the dV/dt). Depending on motor parasitic capacitance and load current, could be required
to slow down turn-off.
In resonant applications, hard-off dV/dt reduction is typically done by adding a discrete capacitor in parallel to
GaN CDS. However, adding this capacitor in hard switching applications leads to increase hard-on switching
losses loosing some GaN benefits.
In motor control applications with MOSFETs, hard turn-off slow down is typically done by increasing the turn-off
resistor. However with GaN this could easily lead to induced turn-on phenomenon unless a specific gate driving
network is used as the following one.
Figure 12. Hard-off dV/dt limiting gate driving network
Driver
VCCx
RONx
OUTx
PGND/OUT
RON
CVCCx
GATE
R
CGM
CGS
CGD
While the GaN is off and during dV/dt generated by the companion GaN, CGD charges CGS. If RGATE has a high
value, due to requirement to slow down hard-off dV/dt, VGS could easily exceed VGSth leading to induced turn-on
phenomenon.
The higher the CGD/CGS ratio and the lower the VGSth, the most likely the induced turn-on could occur.
Adding the CGM capacitor, the overall CGD/CGS ratio decreases avoiding the induced turn-on phenomenon and
enabling hard-off dV/dt reduction increasing RGATE.
The CGM capacitor required to use this technique depends on several factors like GaN characteristics, bus
voltage and load current but, as a rule-of-thumb, it is in the range around 3-5 times QGS/VGSth.
6.4
Supply rails, LDOs, UVLO protections, and bootstrap diode
The STDRIVEG611 is supplied by two rails: VCC, referred to GND, and BOOT referred to OUT.
Integrated LDOs generate supply voltages for low-side and high-side output stages (VLS and VHS). Undervoltage
circuitries monitor VCC, VLS and VHS.
STDRIVEG611
Device description
DS14457 - Rev 2
page 16/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com