Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVEG611Q Datasheet(PDF) 15 Page - STMicroelectronics

Part # STDRIVEG611Q
Description  High voltage and high-speed half-bridge gate driver for GaN power switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVEG611Q Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STDRIVEG611Q Datasheet HTML 11Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 12Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 13Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 14Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 15Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 16Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 17Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 18Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
The front-end of logic inputs consists of a comparator having a fixed threshold and defined hysteresis to
guarantee precise and robust level detection. The input pins can accept an input voltage up to 20 V independently
from VCC voltage level.
Propagation delays between LIN and HIN input pins to OUTL and OUTH are matched to obtain the best
symmetry and minimum pulse width distortion.
The minimum duration of the pulse that can be transferred from LIN and HIN to OUTL and OUTH is tINmin; shorter
pulses may be blanked.
The FLT open drain pin signals standby, UVLO (VCC and VCCL), overcurrent, and overtemperature status. An
external pull-up resistor or source current is required to raise the FLT pin signal. The maximum pull-up voltage is
20 V, independent from VCC. When unused, this pin must be connected to GND.
The STBY pin is intended to activate standby mode to reduce the IC consumption during long-lasting inactive
times or between burst modes. The description of this mode is reported in Section 6.5.
6.3
Gate driving outputs and gate resistors
The STDRIVEG611 has a gate driver output architecture enabling turn-on and turn-off impedance differentiation
to tune dV/dt and dI/dt avoiding turn-off diode usage. Diode avoidance for turn-on/off differentiation has several
benefits:
bill of material (BOM) reduction;
gate loop inductance minimization due to smaller geometrical gate loop;
more effective and faster turn-off with increased induced turn-on margin thanks to diode VF drop removal.
Effective turn-off is crucial with GaN switches due to low VGSth and turn-off diode is typically not recommended
especially with unipolar gate driving (no negative VGS while off).
Similarly to STDRIVEG600 (classic separated output architecture), with the STDRIVEG611 (single gate output
architecture) the gate turn-on/off currents can be tuned by external resistors, but those resistors are arranged in
different way.
Figure 11. Gate driver output and gate resistor tuning for differentiated turn-on/off
Driver
VCCx
RONx
OUTx
PGND/OUT
RON
CVCCx
GATE
R
STDRIVEG61x
Driver
PVCC/BOOT
xON
xOFF
PGND/OUT
CPVCC/
BOOT
OFF
R
STDRIVEG600
ON
R
Gate charge path
Gate discharge path
Gate discharge path
Gate charge path
RSO
RSI
RSO
RSI
"CLASSIC" SEPARATED OUTPUTS
SINGLE GATE OUTPUT
Turn-off: RSI
+
RGATE
Turn-on: RSO + RON + RGATE
Turn-off: RSI + ROFF
Turn-on: RSO + RON
Turn-off path goes through RGATE, so the user shall increase RGATE to slow down turn-off speed.
Increasing RGATE will slow down also turn-on speed since turn-on path goes through RGATE and RON. The user
shall increase RON to further slowdown turn-on speed.
Thus, turn-on impedance can be only equal or higher than turn-off, as typically found in all applications to avoid
induced turn-on phenomenon.
As rule-of-thumb when migrating from “classic” separated output architectures:
RGATE≈ ROFF(old)
RON≈ RON(old) - RGATE
In power conversion applications, depending on gate charge, turn-off resistor (RGATE) is typically in the range of 1
to 5 Ω while turn-on resistance sum (RGATE + RON) is typically in the range of 5 to 300 Ω.
STDRIVEG611
Device description
DS14457 - Rev 2
page 15/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com