Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVEG611Q Datasheet(PDF) 8 Page - STMicroelectronics

Part # STDRIVEG611Q
Description  High voltage and high-speed half-bridge gate driver for GaN power switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVEG611Q Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STDRIVEG611Q Datasheet HTML 4Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 5Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 6Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 7Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 8Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 9Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 10Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 11Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
5
Electrical characteristics
Testing conditions: TJ = 25 °C, VCC = VBO = SD/OD = STBY = 12 V, FLT = floating, RONL = VCCL, RONH =
VCCH, OUT = PGND = CIN = GND, CVCCH = CVCCL = 47 nF (X7R,16 V), CBOOT = 47 nF (X7R, 50 V).
All voltages referred to GND, unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
Logic section supply
VCCthON VCC UVLO turn-ON threshold
9.5
10
10.6
V
VCCthOFF VCC UVLO turn-OFF threshold
9.0
9.5
10.1
V
VCChys
VCC UV hysteresis
0.3
0.5
0.7
V
IQVCC
VCC quiescent supply current
STBY = SD/OD = 5 V;
LIN = HIN = 0 V; OUT = 15 V
900 1200
μA
LIN = STBY = SD/OD = 5 V;
HIN = 0 V; OUT = 15 V
1020 1350
μA
IQVCCU
VCC undervoltage supply current
VCC = 7.0 V
570
760
μA
ISBVCC
VCC standby supply current
STBY = 0 V
500
650
μA
ISVCC
VCC switching supply current
STBY = SD/OD = 5 V, VBO = 15 V;
LIN = ¬ HIN; fSW = 500 kHz, D = 50%
OUTL load 330 pF
3
3.5
mA
tstartup
VCC startup time from VCC = 10.5 V to
OUTL high
LIN = STBY = SD/OD = 5 V;
HIN = 0 V
12
μs
Gate driver voltage regulators VCCL (VLS) and VCCH (VHS)
VHS
VLS
VCCx regulator output voltage
IVCCx < 10 mADC
5.55
6
6.45
V
TJ = -40 °C to +125 °C (1)
5.4
6.6
VHSthON
VLSthON
VCCx UVLO turn-on voltage
4.45
4.8
5.15
V
TJ = -40 °C to +125 °C (1)
5.25
VHSthOFF
VLSthOFF
VCCx UVLO turn-off voltage
4.3
4.65 4.95
V
TJ = -40 °C to +125 °C (1)
4.2
VHSthHYS
VLSthHYS
VCCx UVLO hysteresis
0.2
V
VDROP_H High-side regulator drop-out voltage
BOOT = 12 V; OUT = 6 V; IVCCH = 10 mA
0.6
V
High-side driver section
IQBO
VBO quiescent supply current
STBY = SD/OD = 3.3 V;
LIN = HIN = 0 V; VBO = 12 V
240
340
μA
HIN = STBY = SD/OD = 3.3 V;
LIN = 0 V; VBO = 12 V
270
360
μA
ISBO
VBO switching supply current
SD/OD = STBY = 3.3 V;
OUT = 0 V; VBOOT = 12 V
HIN fSW = 500 kHz, D = 50%
OUTH load 330 pF
3.1
3.8
mA
STDRIVEG611
Electrical
characteristics
DS14457 - Rev 2
page 8/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com