Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVEG611Q Datasheet(PDF) 32 Page - STMicroelectronics

Part # STDRIVEG611Q
Description  High voltage and high-speed half-bridge gate driver for GaN power switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVEG611Q Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STDRIVEG611Q Datasheet HTML 25Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 26Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 27Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 28Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 29Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 30Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 31Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 32Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
List of figures
Figure 1.
STDRIVEG611 block diagram.......................................................... 2
Figure 2.
Typical application schematic .......................................................... 3
Figure 3.
Typical motor control application schematic with slow dV/dt ..................................... 3
Figure 4.
STDRIVEG611 pin connection ......................................................... 4
Figure 5.
Timing definitions ................................................................. 11
Figure 6.
ISVCC vs frequency (high range) ....................................................... 12
Figure 7.
ISVCC vs frequency (low range) ........................................................ 12
Figure 8.
ISBO vs frequency (high range) ........................................................ 12
Figure 9.
ISBO vs frequency (low range)......................................................... 12
Figure 10.
STDRIVEG611 simplified block diagram ................................................. 13
Figure 11.
Gate driver output and gate resistor tuning for differentiated turn-on/off ............................ 15
Figure 12.
Hard-off dV/dt limiting gate driving network................................................ 16
Figure 13.
Typical bootstrap diode characteristics................................................... 18
Figure 14.
Standby timings .................................................................. 19
Figure 15.
Smart Shutdown timing waveforms ..................................................... 20
Figure 16.
Thermal shutdown behavior .......................................................... 21
Figure 17.
Thermal shutdown vs. standby ........................................................ 21
Figure 18.
QFN 4 x 5 x 1 mm, 18 leads, 0.5 mm pitch, package outline .................................... 25
Figure 19.
QFN 4 x 5 x 1 mm, 18 leads, 0.5 mm pitch, suggested footprint ................................. 26
STDRIVEG611
List of figures
DS14457 - Rev 2
page 32/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com