Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVEG611Q Datasheet(PDF) 4 Page - STMicroelectronics

Part # STDRIVEG611Q
Description  High voltage and high-speed half-bridge gate driver for GaN power switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVEG611Q Datasheet(HTML) 4 Page - STMicroelectronics

  STDRIVEG611Q Datasheet HTML 1Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 2Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 3Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 4Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 5Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 6Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 7Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 8Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
3
Pin description
Figure 4. STDRIVEG611 pin connection
RONH
VCCH
OUT
OUTH
BOOT
HIN
LIN
FLT
SD/OD
CIN
VCC
STBY
GND
2
3
4
5
1
7
6
8
9
10
11
12
13
14
15
17
16
18
Table 1. STDRIVEG611 pin list
Pin
N.
Name
Type
Function
1
VCC
Power
Supply voltage of logic section. A small bypass capacitor (100 nF typ.) very close to the pin is
required to get a clean bias voltage for the signal part of the IC.
The large bulk capacitor that is normally used to supply the controller is sufficient to supply the
STDRIVEG611 as well: if not present, a value larger than 2.2 µF is suggested.
The input of the low-side driver regulator is internally connected to this pin.
2
STBY
Input
Standby mode activation pin. Setting this pin to GND, the IC enters a low consumption mode to
facilitate the design of low consumption topologies. The internal pull-down resistor is there to avoid
uncertain voltage application when IC is not biased.
3, 9
GND
Power
Ground pins. Common potential of the Logic section of the device. These pins have both an
electrical and thermal purpose: tying these pins to a proper copper area effectively enhances power
dissipation (typically required only on high frequency applications).
4
CIN
Input
Comparator input pin for SmartSD. In case of triggering, both GaN are immediately turned off and
SD/OD is pulled low. Connect to GND if not used.
5
FLT
Output
Fault signaling pin. An open drain MOSFET is turned on to pull the FLT pin down when UVLO,
standby, comparator, or overtemperature protection are active. Connect to GND if not used.
6
SD/OD
Input/
Output
Shutdown input (active low) / open drain output for comparator with smartSD. When this pin is pulled
to GND, the IC immediately interrupts the switching activity defined by LIN and HIN. When CIN
exceeds the threshold, SmartSD interrupts the switching activity and pulls low the SD/OD pin. Once
the overcurrent ends, the open drain is released.
The internal pull-down resistor is there to avoid uncertain voltage application when IC is not biased.
7
HIN
Input
High-side logic input pin. Driving pulses to control the high-side switch can be applied to this pin. A
Schmitt trigger comparator, 20 V tolerant, buffers the input signal before driving level shifters.
8
LIN
Input
Low-side logic input pin. Driving pulses to control the low-side switch can be applied to this pin. A
Schmitt trigger comparator, 20 V tolerant, buffers the input signal before driving level shifters.
10
VCCL
Power
Output of the linear regulator that supplies the output stage of the low-side driver. A ceramic
capacitor equal or greater than 47 nF (X7R, 16 V) must be placed as close as possible between this
pin and PGND.
11
RONL Output
A resistor connected between this pin and VCCL sets the turn-on resistor source current of the low-
side driver. Mounting the resistor as close as possible to the RONL pin optimizes the operation of the
driver.
STDRIVEG611
Pin description
DS14457 - Rev 2
page 4/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com