Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVEG611Q Datasheet(PDF) 31 Page - STMicroelectronics

Part # STDRIVEG611Q
Description  High voltage and high-speed half-bridge gate driver for GaN power switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVEG611Q Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STDRIVEG611Q Datasheet HTML 25Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 26Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 27Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 28Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 29Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 30Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 31Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 32Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
List of tables
Table 1.
STDRIVEG611 pin list ................................................................ 4
Table 2.
Absolute maximum ratings ............................................................. 6
Table 3.
Recommended operating conditions....................................................... 7
Table 4.
Thermal data....................................................................... 7
Table 5.
Electrical characteristics ............................................................... 8
Table 6.
Truth table ....................................................................... 14
Table 7.
External BOM summary .............................................................. 22
Table 8.
QFN 4 x 5 x 1 mm, 18 leads, 0.5 mm pitch, package dimensions .................................. 24
Table 9.
Order code ....................................................................... 27
Table 10.
Document revision history ............................................................. 28
STDRIVEG611
List of tables
DS14457 - Rev 2
page 31/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com