Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVEG611Q Datasheet(PDF) 26 Page - STMicroelectronics

Part # STDRIVEG611Q
Description  High voltage and high-speed half-bridge gate driver for GaN power switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVEG611Q Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STDRIVEG611Q Datasheet HTML 22Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 23Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 24Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 25Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 26Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 27Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 28Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 29Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
8.2
Suggested footprint
The STDRIVEG611 footprint for the PCB layout is usually defined based on several design factors such as
assembly plant technology capabilities and board component density. For easy device usage and evaluation,
STMicroelectronics provides the following footprint design, which is suitable for the largest variety of PCBs.
The following footprint indicates the copper area that should be free from the solder mask, while the copper area
could extend beyond the indicated areas for device pins, especially GND, PGND, and OUT pins, which is
beneficial for thermal and stray inductance minimization purposes.
A copper area connected to GND pins aids thermal dissipation, is useful to shield the input signal, and creates a
low inductance, good return path for supplying capacitor currents.
A copper area connected to PGND and OUT pins running below the related components can minimize gate loop
inductance for optimal gate driving and improves the return path for supply capacitor currents.
A PCB layout example is available with the STDRIVEG611 evaluation board.
Figure 19. QFN 4 x 5 x 1 mm, 18 leads, 0.5 mm pitch, suggested footprint
STDRIVEG611
Package information
DS14457 - Rev 2
page 26/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com