Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVEG611Q Datasheet(PDF) 13 Page - STMicroelectronics

Part # STDRIVEG611Q
Description  High voltage and high-speed half-bridge gate driver for GaN power switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVEG611Q Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STDRIVEG611Q Datasheet HTML 9Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 10Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 11Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 12Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 13Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 14Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 15Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 16Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
6
Device description
6.1
Device structure
Figure 10 is a simplified version of the block diagram of STDRIVEG611. It consists of basic structures described
in the following sections.
Figure 10. STDRIVEG611 simplified block diagram
UVLO
VCC
Logic,
interlocking
UVLO
VCCL
Driver
Level Shifter
VCCL
Regulator
Driver
Level Shifter
GND
VCC
HIN
LIN
BOOT
RONH
OUTH
OUT
VCCH
RONL
OUTL
PGND
FLT
OverTemperature
Protection
STBY
VCCL
Regulator
VCCL
CIN
+
REF
V
+
-
Comparator
filter
smartSD
SSD
SD
UVLO-READY
OVERTEMP
SD/OD
OD
UVLO
VCCH
VCCH
Regulator
LOGIC SECTION
HIGH SIDE DRIVER
LOW SIDE DRIVER
COMPARATOR &SMARTSD
6.1.1
Logic section
This section receives the input signals, manages the system protections (UVLOs, comparator and
overtemperature), and transfers the input pulses to relevant drivers through level shifters.
It is electrically referred to the GND pin and supplied by the VCC pin.
6.1.2
Low-side driver
This block receives input pulses from the logic section through the level shifter and provides driving action to the
low-side GaN transistor.
It is electrically referred to PGND, that must be connected to the source (preferably Kelvin) of the low-side GaN
transistor.
GaN VGS sink current can be tuned with the RGATE resistor placed between the OUTL and GaN gate. Source
current can be tuned with the RON resistor between VCCL and RONL. Sink path impedance is the sum of RGATE
and driver RSI, while source path impedance is the total of RON, RGATE, and driver RSO. Tuning RON is typically
done to adjust hard turn-on dV/dt. Tuning RGATE is typically done to eventually dump VGS ringing at turn-off, to
adjust hard turn-off dV/dt while avoiding induced turn-on at high-side hard turn-on.
Low-side driver circuitry is supplied by VCC, while an integrated voltage regulator tightly stabilizes the supply
voltage of the output stage of the driver (VLS). A UVLO comparator interrupts the half-bridge activity if the
regulator’s output voltage is insufficient for a proper GaN’s driving. See Section 6.4.2 for a detailed LS UVLO
protection description.
The low-side driver has been designed to allow the use of current sense resistors without affecting the applied
VGS voltage.
STDRIVEG611
Device description
DS14457 - Rev 2
page 13/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com