Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVEG611Q Datasheet(PDF) 18 Page - STMicroelectronics

Part # STDRIVEG611Q
Description  High voltage and high-speed half-bridge gate driver for GaN power switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVEG611Q Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STDRIVEG611Q Datasheet HTML 14Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 15Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 16Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 17Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 18Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 19Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 20Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 21Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
6.4.3
Bootstrap diode
The STDRIVEG611 integrates a bootstrap diode structure connected between VCC and BOOT pins, to supply the
high-side floating supply voltage VBOOT-OUT (or shortly VBO). A very low ESR ceramic capacitor (CBOOT to be
selected between 47 nF and 3.3 µF, X7R, 50 V) must be placed as close as possible between the BOOT and
OUT pins.
The internal bootstrap structure is synchronous with the low-side to reduce the voltage drop between VCC and
VBO to almost zero volts. Its turn-on resistance is reported in the electrical characteristics table as RDBOOT. This
integrated structure is characterized by a very low recovery charge and current.
The bootstrap DC characteristics are detailed in Figure 13.
Figure 13. Typical bootstrap diode characteristics
0
100
50
150
200
250
300
Temperature (°C)
-50
-10
30
70
110
150
The final voltage drop between VCC and VBO depends on multiple factors like duty cycle, operating frequency,
GaN gate charge, GaN leakage, temperature, etc. In case the voltage on VBO is not sufficient for a proper VCCH
regulator operation, either increasing the VCC value or using an external bootstrap diode can obtain a correct
VBO voltage.
Motor control applications typically do not require an external bootstrap diode but it is allowed in case of specific
needs as fast high-side start-up or large bootstrap capacitor to allow very long high side turn-on time.
It is recommended to place a resistor RBOOT ≥ 2.2 Ω in series with the above mentioned external bootstrap diode
to limit the amount of peak charging current. In cases of high side not-zero-current hard switching applications (as
motor control), the external bootstrap diode could be subject to high peak current during dead time and peak
recovery current at high side turn-on, leading to strong emissions. A higher RBOOT or using the internal bootstrap
structure with no recovery current is preferable in these cases. Refer to Section 7.1.1 for further details.
Even if a low RBOOT resistor is allowed, it is know that a low value resistor could increase radiated noise; so it is
worth properly selecting the CBOOT capacitor based on applicative requirements. With the same start-up time, the
smaller CBOOT capacitor the higher RBOOT minimum resistance or even no external diode requirement.
Moreover, the internal bootstrap diode has better dynamic characteristics compared to a discrete one.
6.4.4
VHS supply structure and relevant UVLO protection
The energy stored in the CBOOT capacitor supplies the input circuitry of the high-side driver.
The integrated fast startup VCCH regulator reduces the input VBO voltage to a regulated VHS (VCCH-OUT = 6 V
typ.) to drive the gate with a stable and optimized VGS voltage.
The fast startup features a minimized wake-up time especially during intermittent operation (burst mode).
STDRIVEG611
Device description
DS14457 - Rev 2
page 18/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com