Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVEG611Q Datasheet(PDF) 10 Page - STMicroelectronics

Part # STDRIVEG611Q
Description  High voltage and high-speed half-bridge gate driver for GaN power switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVEG611Q Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STDRIVEG611Q Datasheet HTML 6Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 7Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 8Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 9Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 10Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 11Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 12Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 13Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
RON_FLT FLT on-resistance
VFLT = 400 mV, VCC = 3.3 V
90
145
200
Ω
IOL_FLT
FLT low level sink current
VFLT = 400 mV
3
5
7
mA
IFLTh
FLT high level bias current (when off)
VFLT = 3.3 V
1
μA
IFLTl
FLT low level bias current (when off)
VFLT = 0 V
1
μA
VVCC-FLT Min VCC voltage forcing low
3.3
V
tDon_L
LIN to OUTL turn-on propagation delay
SD/OD = STBY = 3.3 V;
tPULSE > 120 ns
30
45
60
ns
tDoff_L
LIN to OUTL turn-off propagation delay
30
45
60
ns
tDon_H
HIN to OUTH turn-on propagation delay
30
45
60
ns
tDoff_H
HIN to OUTH turn-off propagation delay
30
45
60
ns
MT
LIN, HIN propagation delay matching time (2)
SD/OD = STBY = 3.3 V;
tPULSE > 120 ns;
0
10
ns
tINmin
LIN, HIN minimum input pulse width
LIN, HIN pulse low/high/low
15
35
ns
ns
TJ = -40 °C to +125 °C (1)
40
tr
GL / GH rise time
CL= 2.2 nF (1)
22
ns
tf
GL / GH fall time
11
ns
tSDon
SD/OD to OUTx turn-on propagation delay
LIN or HIN = STBY = 3.3 V;
tPULSE > 120 ns;
30
45
65
ns
tSDoff
SD/OD to OUTx turn-off propagation delay
LIN or HIN = STBY = 3.3 V;
tPULSE > 120 ns;
30
45
65
ns
tSTBYoff
Standby to OUTx turn-off propagation delay
STBY = 3.3 V to 0 V
30
45
65
ns
tSTBY_FLT Standby enter signaling to FLT
STBY = 3.3 V to 0 V,
FLT 10 kΩ pull up to 5 V
0.9
2
μs
tWU
Wake up time from standby
STBY = 0 V to 3.3 V,
LIN = 3.3 V;
Time from STBY rising to OUTL = high
5
μs
tWU_FLT Standby end signaling to FLT
STBY = 0 V to 3.3 V,
FLT = 10 kΩ pull up to 5 V;
Time from STBY rise to VFLT = 0.5 V
5
μs
Comparator protection
CINth
Comparator threshold
350
400
450
mV
RPD_CIN CIN pull-down resistor
CIN = 1 V
75
100
125
kΩ
tCIN-OUT Comparator delay to half-bridge output
CIN 0 V to 0.8 V:
OUTH, OUTL 90%
170
220
ns
tCIN-OD
Comparator delay to SD/OD
CIN 0 V to 0.8 V:
SD/OD 90% (10 kΩ to 5 V)
140
190
ns
tCIN-FLT
Comparator delay to FLT
CIN 0 V to 0.8 V:
FLT 90% (10 kΩ to 5 V)
140
190
ns
tCINfilter
Comparator input filter
CIN pulse 0 - 0.8 V
55
90
125
ns
Overtemperature protection
TTSD
Shutdown temperature
(1)
150
175
200
°C
STDRIVEG611
Electrical
characteristics
DS14457 - Rev 2
page 10/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com