Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVEG611Q Datasheet(PDF) 12 Page - STMicroelectronics

Part # STDRIVEG611Q
Description  High voltage and high-speed half-bridge gate driver for GaN power switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVEG611Q Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STDRIVEG611Q Datasheet HTML 8Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 9Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 10Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 11Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 12Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 13Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 14Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 15Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Figure 6. ISVCC vs frequency (high range)
0
1000
2000
3000
4000
5000
0
200
400
600
800
1000
kHz
No load
330pF (2nC)
Figure 7. ISVCC vs frequency (low range)
0
200
400
600
800
1000
1200
1400
1600
1800
0
20
40
60
80
100
kHz
No load
330pF (2nC)
1nF (6nC)
Figure 8. ISBO vs frequency (high range)
0
1000
2000
3000
4000
5000
6000
0
200
400
600
800
1000
kHz
No load
330pF (2nC)
Figure 9. ISBO vs frequency (low range)
0
200
400
600
800
1000
1200
1400
0
20
40
60
80
100
kHz
No load
330pF (2nC)
1nF (6nC)
STDRIVEG611
Electrical
characteristics
DS14457 - Rev 2
page 12/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com