Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVEG611Q Datasheet(PDF) 22 Page - STMicroelectronics

Part # STDRIVEG611Q
Description  High voltage and high-speed half-bridge gate driver for GaN power switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVEG611Q Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STDRIVEG611Q Datasheet HTML 18Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 19Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 20Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 21Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 22Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 23Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 24Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 25Page - STMicroelectronics STDRIVEG611Q Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
7
PCB, BOM, and layout recommendations
7.1
PCB suggestions
This section lists some tips to facilitate the PCB routing of the STDRIVEG611.
7.1.1
External BOM values selection and placement
A list of recommended value ranges for some key components are reported.
The bulk capacitors required for VCC, VCCL, VCCH, and BOOT must be placed as close as possible to relevant
pins and relevant references. Such capacitors must be low ESR/ESL ceramic components having rated voltages
that are almost twice the maximum operating voltages to overcome the well-known value modulation versus bias
voltage.
The eventual external bootstrap diode is typically not required in motor control applications but is possible. In case
of external diode use, a series resistor with a value of ≥ 2.2 Ω (10 Ω in case of large CBOOT) is recommended to
minimize the bootstrap diode peak current, EMI generation and supply rail spike generation. In case an external
bootstrap diode is used, the CBOOT capacitor must be placed on the PCB in such a way that the negative terminal
is put as close as possible to the OUT pin: this arrangement ensures that the charging current flows in the
shortest track possible. In the case of overcurrent comparator use, the user should consider the bootstrap current
sums with the load current through the low-side: undesired overcurrent events could be generated especially with
low RBOOT values.
Turn-on resistors (RONx) need to be placed close to the IC to minimize the length of the track connected to the
RONx pin.
Table 7. External BOM summary
Symbol Function
Value (range)
Technology
Min. rating
CVCC
VCC large bulk capacitor (it is normally used as bulk capacitor of
controller too)
2.2 to 10 µF
EL-Cap (or X7R)
25 V
VCC bypass capacitor
100 nF
X7R
50 V
CBOOT BOOT to OUT bypass capacitor
CVCCH to 3300 nF
X7R
50 V
CVCCL VCCL to PGND bypass capacitor
47 nF to 470 nF
X7R
16 V
CVCCH VCCH to OUT bypass capacitor
47 nF to 470 nF
X7R
16 V
RBOOT Current limiting resistor of external DBOOT
≥ 2.2 Ω
DBOOT
External Bootstrap diode (typically not required in motor control
applications)
STTH1R06 or
equivalent
Turbofast
600 V / 1 A
To speed-up start-up time, the user shall minimize CBOOT and CVCCH values. Most power conversion applications
are optimized using CBOOT = CVCCx = 47 nF. Most motor control applications (depending on gate load) are
optimized when using CVCCx = 47 to 100 nF and CBOOT = 100 to 470 nF.
A larger CBOOT capacitor could be rarely required in specific applications if a very long high side on-time is
required. On all other applications is recommended to keep CBOOT small to avoid increasing start-up time, the
potential need of the additional external bootstrap diode, the diode dissipation. In extreme cases, as in all gate
driver applications, excessive CBOOT and small CVCC can lead to VCC drops due to charge sharing when low-
side turns on, detected by the VCC UVLO.
PGND must be connected to the low-side GaN (Kelvin if available) source, which creates the path to GND
through the optional current shunt resistor. So, PGND shall not be directly connected to GND to avoid shorting the
Kelvin connection and reducing its benefits.
OUT must be connected to the high-side GaN (Kelvin if available) source. GaN main source and Kelvin source
shall not be shorted together externally to best exploit the Kelvin benefits.
VCCL and VCCH are the output access to the internal voltage regulator: forcing these pins to external voltage
regulators may result in unrecoverable damage of the IC.
STDRIVEG611
PCB, BOM, and layout recommendations
DS14457 - Rev 2
page 22/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com