Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3916 Datasheet(PDF) 107 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 107 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 103Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 104Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 105Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 106Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 107Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 108Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 109Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 110Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 111Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 225 page
background image
Chapter 4 Interrupt Controller (INTC)
Preliminary
4-2
4.2
Registers
Register Overview
Name
Phys. Address (hex)
Function
IRQR
1C04 0000
Indicates interrupt sources
IMASKR
1C04 0004
Enables/ disables interrupts
ILEXT
1C04 0008
Edge/ level detection of external interrupts
Interrupt Request Register (IRQR), Interrupt Mask Register (IMASKR)
IRQR:
If an interrupt occurs, the corresponding bit is set to 1.
Writing 0 to a bit resets the contents.
Writing 1 to a bit does not change the contents.
IMASKR:
1 = enables interrupt
0 = disables interrupt (an incoming interrupt will be stored in IRQR, but no interrupt
request will be sent to CPU)
Bit
3130
292827
262524
Name
EXT2
EXT1
EXT0
GDC
DMAC1
DMAC0
T1
T0
Bit
2322
212019
181716
Name
MPWM
(1)
SEIEXC
CAN1EXC
CAN0EXC
SIO3EXC
SIO2EXC
SIO1EXC
SIO0EXC
Bit
1514
131211
10
9
8
Name
PWM
PORT
SEITX
SEIRX
CAN1TX
CAN1RX
CAN0TX
CAN0RX
Bit
7
6
543
210
Name
SIO3TX
SIO3RX
SIO2TX
SIO2RX
SIO1TX
SIO1RX
SIO0TX
SIO0RX
(1) Only in IMASKR, in IRQR this bit is wired to zero
Bit
Name
Cause of Interrupt
Reset
Value
R/W
31
EXT2
External interrupt 2
0R/W
30
EXT1
External interrupt 1
0R/W
29
EXT0
External interrupt 0
0R/W
28
GDC
Vertical or horizontal sync. on GDC
0R/W
27
DMAC1
DMA on channel 1 finished or error on channel 1
0R/W
26
DMAC0
DMA on channel 0 finished or error on channel 0
0R/W
25
T1
Periodic timer 1
0R/W
24
T0
Periodic timer 0
0R/W
23
MPWM
Overflow on PWM timer enable
(only in IMASKR, in IRQR this bit is wired to zero)
0
R/W
22
SEI EXC
Exception during TXSEI transfer
0R/W
21
CAN1 EXC
Status change in TXCAN1
0R/W
20
CAN0 EXC
Status change in TXCAN0
0R/W
19
SIO3 EXC
Exception during serial I/O on UART channel 3
0R/W
18
SIO2 EXC
Exception during serial I/O on UART channel 2
0R/W
17
SIO1 EXC
Exception during serial I/O on UART channel 1
0R/W
16
SIO0 EXC
Exception during serial I/O on UART channel 0
0R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com