Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3916 Datasheet(PDF) 111 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 111 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 107Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 108Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 109Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 110Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 111Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 112Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 113Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 114Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 115Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 225 page
background image
Chapter 5 TIMER
Preliminary
5-2
Use the following formula to calculate the time between start of the PWM counter and send of PWM
interrupt (pulse width):
PWMVAL = compare value of PWM Timer (see register description of PWMVAL)
PWMVAL
Time to PWM Interrupt
=
------------------------
× 1 / Prescaler
System frequency
Use the following formula to calculate the time between start and overflow of the PWM counter:
65536
Time to PWM Interrupt
=
------------------------
× 1 / Prescaler
System frequency
Register Overview
Name
Phys. Address (hex)
Function
PWMVAL
1C01 0008
Compare value for 16 bit PWM counter
PWM Value Register (PWMVAL)
Bit
31
16
15
3210
Name
PWMVAL
PWMPRE
Bit
Name
Function
Reset
Value
R/W
31:16
PWMVAL
Compare Value of PWM Counter
If the PWM counter reaches the value of this register an interrupt is
generated.
0x007F
R/W
15:3
Wired to zero
0R
2:0
PWMPRE
Prescaler of PWM Counter
The following clock is used to provide PWM counter:
000 = 1/2 system clock
001 = 1/4 system clock
010 = 1/8 system clock
011 = 1/16 system clock
100 = 1/32 system clock
101,110,111 = 1/64 system clock
101
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com