Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3916 Datasheet(PDF) 112 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 112 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 108Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 109Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 110Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 111Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 112Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 113Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 114Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 115Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 116Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 225 page
background image
Chapter 5 TIMER
Preliminary
5-3
5.2
Periodic Timers
Both periodic timers are running all the time. Every time they reach the end of the interval, they cause an
interrupt. The interrupt is maskable in the Interrupt Controller (INTC). Both periodic timers use the same
prescaler.
Use the following formula to calculate the interval:
T0INT = interval settings of periodic timer 0 (see register description of TITR)
T1INT = interval settings of periodic timer 1 (see register description of TITR)
2
(T0INT + 8)
Interval of Timer 0
=
------------------------
× 1 / Prescaler
System frequency
2
(T1INT + 9)
Interval of Timer 1
=
------------------------
× 1 / Prescaler
System frequency
Note that at the same settings timer 0 has twice the speed of timer 1.
Example:
T0INT = interval setting of Periodic Timer 0 = 010 (bin) = 2 (dec)
TPRE = prescaler setting = 100 (bin)
⇒
Prescaler = 1 / 32 (dec)
2
(2 + 8)
32768
Interval of Timer 0
=
--------------
× 32 =
------------
= 0.55 msec
60 MHz
60 MHz
Register Overview
Name
Phys. Address (hex)
Function
TIMER
1C01 0000
16 bit free-running counter
TITR
1C01 0004
Settings for periodic timer
TIMER Register (TIMER)
Bit
31
16
15
0
Name
TVAL
Bit
Name
Function
Reset
Value
R/W
31:16
TVAL
Free running counter
The free running counter provides the periodic timers. The counter
operates continuously on output clock of the prescaler. Write this
register only using full word access.
0x0000
R/W
15:0
-
Wired to zero
0x0000
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com