Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3916 Datasheet(PDF) 116 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 116 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 112Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 113Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 114Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 115Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 116Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 117Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 118Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 119Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 120Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 225 page
background image
Chapter 6 Direct Memory Access Controller (DMAC)
Preliminary
6-3
4.
memory >> device: Write the value 0xA9 into the Operation Definition Register (ODR).
device >> memory:
Write the value 0x69 into the Operation Definition Register (ODR).
Write the value 0x11 into the Channel Control Register (CCR).
Now the DMA Controller waits for a request of the external device to start the first transfer.
5.
Configure and start the devices TXSEI or UART.
After DMA transaction has finished, the DMA Controller sets the OPC bit (bit 0) in the Channel
Status Register (CSR) and generates an interrupt. Each channel has its own interrupt signal. The
interrupts are only maskable in the Interrupt Controller.
To terminate a running DMA transaction, set bit 22 (ABT) in the Channel Control Register (CCR).
6.1.2
Start DMA with External Device
The TMPR3916 has one pin for an external DMA request signal. For instance the external request
makes sense together with a PORT module. The procedure is similar to a UART/ TXSEI transaction.
For details of the procedure see section “Start DMA transaction between memory and TXSEI/UART”
and the register description.
The following steps are executed to start a DMA transaction:
1.
Write the hexadecimal-value 0xA in
•
bits [3:0] of the Chip Configuration Register (CCR) for channel 0
•
bits [7:4] of the Chip Configuration Register (CCR) for channel 1
2.
Define source and destination address in registers SAR and DAR.
3.
Write the number of bytes you want to transfer into BCR.
4.
Write the following value into ODR:
Application
Memory >> Device
(transmit)
Device >> Memory
(receive)
Edge detection on external request
0xA8
0x68
Level detection on external request
0xA9
0x69
Write the following value into CCR:
Application
Memory >> Device
(transmit)
Device >> Memory
(receive)
Positive logic on external request
0x19
0x19
Negative logic on external request
0x11
0x11
Now the DMA Controller waits for a request of the external device to start the first transfer.
5.
Configure and start external device.
When the DMA Controller starts its first transfer, it sets the external acknowledge signal to 0.
After finishing the whole DMA transaction, the DMA Controller sets the external acknowledge
signal to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com