Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3916 Datasheet(PDF) 119 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 119 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 115Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 116Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 117Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 118Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 119Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 120Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 121Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 122Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 123Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 225 page
background image
Chapter 6 Direct Memory Access Controller (DMAC)
Preliminary
6-6
Channel Control Register (CCR)
Bit
2322
212019
181716
Name
RST
ABT
CEN
RPL

ETE
Bit
Name
Function
Reset
Value
R/W
23
RST
Performs a software reset on all of the channel registers.
0 = Normal operation
1 = Executes software reset
0
R/W
22
ABT
Termination of channel operations regardless of the operating
status.
0 = Normal operation
1 = Termination of current DMA transaction
0
R/W
21
Wired to zero.
0R/W
20
CEN
Sets the channel to operating mode.
0 = Channel is inactive
1 = Start DMA transaction
0
R/W
19
RPL
Specifies the polarity of the device request signal.
0 = Negative logic (low level / falling edge)
1 = Positive logic (high level / rising edge)
UART and TXSEI use negative logic.
0
R/W
18:17
Wired to zero
00
R
16
ETE
Decides if the request signal from a device is provided to the DMAC.
0 = No request signal is provided to the DMAC
1 = Request signal is provided to the DMAC
Without setting this bit to 1, the DMA controller does not start a
transaction.
0
R/W
Channel Error Register (CER)
Bit
1514
131211
10
9
8
Name
SWA
BER
ACE
CONF
SBE
DBE
BCE
AER
Bit
Name
Function
Reset
Value
R/W
15
SWA
Software Abort:
If this bit is set to 1, the software has terminated the current DMA
transaction
0
R
14
BER
Bus Error:
If this bit is set to 1, a bus error has occurred on DMA transfer.
0
R
13
ACE
Address or Count Error: (ACE = BCE + AER)
If this bit is set to 1, a byte count error (BCE, bit 9) or an address
boundary error (AER, bit 8) has occurred.
0
R
12
CONF
Configuration Error:
If this bit is set to 1, the software has made invalid settings in the
Operation Definition Register (ODR) or in the Channel Control
Register (CCR).
0
R
11
SBE
Bus Error on Source Address Access:
If this bit is set to 1, a bus error has occurred during read from a
source.
0
R
10
DBE
Bus Error on Destination Address Access:
If this bit is set to 1, a bus error has occurred during write to a
destination.
0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com