Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 34 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 34 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 30Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 31Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 32Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 33Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 34Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 35Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 36Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 37Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 38Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-32
Table 3.3.8 Pin States in STOP Mode
TMP93CS40
TMP93CS41
Pin name
I/O
<DRVE>
= 0 <DRVE> = 1 <DRVE> = 0 <DRVE> = 1
P00 to P07
Input mode
Output mode
AD8 to AD15
▲
−
−
▲
Output
−
×
×
−
×
×
−
P10 to P17
Input mode
Output mode
AD0 to AD7
▲
−
−
▲
Output
−
×
×
−
×
×
−
P20 to P27
Input mode
Output mode, A0 to A7/A16 to A23
▲
▲
▲
Output
▲
▲
▲
Output
P30 ( RD ), P31 ( WR )
Output
−
Output
−
“H”
P32 to P37
Input mode
Output mode
PU*
PU*
Input
Output
P40, P41
Input mode
Output mode
PU*
PU*
Input
Output
P42 (CS2/CAS2)
Input mode
Output mode
PD*
PD*
Input
Output
P5
Input mode
▲
▲
P6
Input mode
Output mode
PU*
PU*
Input
Output
P7
Input mode
Output mode
PU*
PU*
Input
Output
P80 to P86
Input mode
Output mode
PU*
PU*
Input
Output
P87 (INT0)
Input mode
Output mode
Input mode (INT0)
PU
PU
Input
Input
Output
Input
P90 to P95
Input mode
Output mode
PU*
PU*
Input
Output
PA0 to PA6
Input mode
Output mode
−
−
Input
Output
PA7
Input mode
Output mode, SCOUT
−
−
Input
Output
NMI
Input
Input
Input
WDOUT
Output
Output
Output
ALE
Output (<ALEEN>
= 1)
“L”
“L”
CLK
Output (<CLKEN>
= 1)
−
“H”
RESET
Input
Input
Input
EA
Input
Input
Input
AM8/ AM16
Input
Input
Input
X1
Input
−
−
X2
Output
“H”
“H”
P96
Input mode
Output mode
XT1
−
−
−
Input
Output*
−
−
−
P97
Input mode
Output mode
XT2
−
Input
Output*
−
The same as for
TMP93CS40
(Align)
−:
Input is not accepted; output is at high impedance.
Input:
Input gate in operation. Fix input voltage to “L” or “H” so that the input state pin stays constant.
Output:
Output state.
Output*: Open-drain output state. Input gate in operation. Set output to “L” or attach pull up on pin so that the input gate stays
constant.
PU:
Programmable pull-up pin. When a pull-up resistor is not set, fix the pin to avoid through current because the input gate
always operates.
PU*:
Programmable pull-up pin in input gate disable state. No through current flows even if the pin is set to high impedance.
PD*:
Programmable pull-down pin in input gate disable state. No through current flows even if the pin is set to high
impedance.
▲:
When a HALT instruction is executed and CPU stops at the address of the port register, an input gate operates. Fix the
pin to avoid through current, and change the program. In all other cases, input is not accepted; output is at high
impedance.
×:
Cannot be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com