Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 90 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 90 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 86Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 87Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 88Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 89Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 90Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 91Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 92Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 93Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 94Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 248 page
background image
TMP93CS40/TMP93CS41
20004-02-10
93CS40-88
3.6.2
Address/Data Bus Pins
Port 0, port 1 and port 2 function as an address and data bus for connecting the
microcontroller to the external memories and I/O peripherals.
1.
2.
3.
4.
Products
TMP93CS41F (Note 4)
TMP93CS40F (Note 2), (Note 3)
Number of Address
Bus Pins
max24 (to 16 Mbytes)
max24 (to 16 Mbytes)
max16 (to 64 Kbytes)
max8 (to 256 Kbytes)
Number of Data Bus
Pins
8
16
8
16
Number of
Multiplexed Pins
8
16
0
0
EA
VIL
VIH
Mode
Pins
AM8/ AM16
VIH
VIL
VIH
Port 0
AD0 to AD7
AD0 to AD7
AD0 to AD7
AD0 to AD7
Port 1
A8 to A15
AD8 to AD15
A8 to A15
AD8 to AD15
Port
Function
Port 2
A16 to A23
A16 to A23
A0 to A7
A0 to A7
Timing Chart
Note 1: In the cases of 3. and 4., the data bus signals output the addresses because the signals are also
used as the address bus. By writing “0” to bit CKOCR<ALEEN>, the ALE signal can be prevented
from outputting.
Note 2: After a reset operation, port 0, port 1, and port 2 of the TMP93CS40F function as input ports.
Note 3: In the case of the TMP93CS40F, all the options a. to d. can be made available using the P1CR,
P1FC, P2CR, and P2FC registers. ( EA = VIH, AM8/ AM16 = VIH)
Note 4: In the case of the TMP93CS41F, options 3. and 4. cannot be made available.
A23 to A16
A23 to
A16
AD15 to
AD0
ALE
RD
A15
to A0
D15
to D0
A23 to A8
A23 to
A8
AD7 to
AD0
ALE
RD
A7
to A0
D7
to D0
A15 to A0
A15 to
A0
AD7 to
AD0
ALE
RD
A7
to A0
D7
to D0
(Note 1)
A7 to A0
A7 to A0
AD15 to
AD0
ALE
RD
A15
to A0
D15
to D0
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com