Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 52 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 52 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 48Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 49Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 50Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 51Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 52Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 53Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 54Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 55Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 56Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-50
(2) External interrupt control
Interrupt Input Mode Control Register
7
6
5
4
3
2
1
0
IIMC
Bit symbol
I0IE
I0LE
NMIREE
(007BH)
Read/Write
W
W
W
After reset
0
0
0
Function
1: INT0
input
enable
0: INT0
edge-
sense
mode
1: INT0
level-
sense
mode
1: Can be
accepted
in NMI
rising
edge.
Figure 3.4.6 Interrupt Input Mode Control Register
Table 3.4.2 Setting of External Interrupt Pin Function
Interrupt
Pin Name
Mode
Setting Method
Falling edge
IIMC<NMIREE>
= 0
NMI
−
Falling and rising
edges
IIMC<NMIREE>
= 1
Rising edge
IIMC<I0LE>
= 0, <I0lE> = 1
INT0
P87
High level
IIMC<I0LE>
= 1, <I0lE> = 1
Rising edge
T4MOD<CAP12M1:0>
= 0, 0 or 0, 1 or 1, 1
INT4
P80
Falling edge
T4MOD<CAP12M1:0>
= 1, 0
INT5
P81
Rising edge
Rising edge
T5MOD<CAP34M1:0>
= 0, 0 or 0, 1 or 1, 1
INT6
P84
Falling edge
T5MOD<CAP34M1:0>
= 1, 0
INT7
P85
Rising edge
Note 1: The INT0 pin can also be used for standby release as described in section 3.3.4. Even
if the pin is not used for standby release, setting this register to “0” maintains the port
function during standby mode.
Note 2: This is a case of changing from level-sence to edge-sence for INT0 pin mode.
Execution example:
LD (INTE0AD)
,xxxx0000B
; INT0 disable, clear the request flag.
LD (IIMC)
,xxxxx10xB
; Change from level to edge.
LD (INTE0AD)
,xxxx0nnnB
; Set interrupt level “n” for INT0, clear
the request flag.
Note 3: Read-modify-write is prohibited.
Note 4: IMC<bit7:3> are always read as “1”.
Note 5: See electrical characteristics in section 4 for external interrupt input pulse.
INT0 input enable (Note 1)
0
INT0 disable (P87 function only)
1
Input enable
NMI
rising edge enable
0
Interrupt request generation at
falling edge
1
Interrupt request generation at
rising and falling edge
INT0 level enable (Note 2)
0
Rising edge detect interrupt
1
High level interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com