Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 10Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 11Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 12Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 13Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 14Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 15Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 16Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 17Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-12
3.1.2
AM8/ AM16 Pin
(1) TMP93CS40
Set this pin to 1. Resetting accesses a built-in ROM via the internal 16-bit bus. When
accessing externally, the bus width is set by the chip select/wait control register
described in 3.6.3, and the registers of port 1.
(2) TMP93CS41
1. With fixed 16-bit data bus or with 16-bit data bus interchangeable with 8-bit data
bus.
Set this pin to 0. Port 1, AD8 to AD15 or A8 to A15 pins are fixed to AD8 to AD15
functions. Any values set in the port 1 control register or the port 1 function
register are invalid.
The external data bus width is set by the chip select/wait control register.
After reset, it is necessary to set the program memory to be accessed, to 16-bit
data bus.
2. With fixed external 8-bit data bus
Set this pin to 1. Port 1, AD8 to AD15 or A8 to A15 pins are fixed to A8 to A15
functions. Any values set in the port 1 control register or the port 1 function
register are invalid.
The values of Bit4 <B0BUS>, <B1BUS> and <B2BUS> in the chip select/wait
control register, which are described in 3.6.2, are invalid. The external 8-bit data
bus is fixed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com