Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 61 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 61 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 57Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 58Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 59Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 60Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 61Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 62Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 63Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 64Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 65Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-59
3.5.2
Port 1 (P10 to P17)
Port 1 is an 8-bit general-purpose I/O port. I/O can be set on a bit basis using control
register P1CR and function register P1FC. Resetting resets all bits of output latch P1,
control register P1CR, and function register P1FC to 0, and sets port 1 to input mode.
In addition to functioning as a general-purpose I/O port, port 1 also functions as an
address data bus (AD8 to AD15) or an address bus (A8 to A15).
In the TMP93CS41, which needs external ROMs, port 1 always functions either as an
address data bus (AD8 to AD15) when AM8/ AM16
= “0”, or as an address bus (A8 to A15)
when AM8/ AM16
= “1”, regardless of the value set in control register P1CR.
Figure 3.5.3 Port 1
Port 1
P10 to P17
(AD8 to AD15/A8 to A15)
Direction control
(on bit basis)
Reset
P1CR write
Output
latch
P1 write
Selector
P1 read
A
B
S
Output buffer
Function control
(on bit basis)
P1FC write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com