Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 51 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 51 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 47Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 48Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 49Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 50Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 51Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 52Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 53Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 54Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 55Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-49
(1) Interrupt priority setting register
Symbol
Address
7
6
5
4
3
2
1
0
INTAD
INT0
←Interrupt source
IADC
IADM2
IADM1
IADM0
I0C
I0M2
I0M1
I0M0
←Bit symbol
R/W
W
R/W
W
←Read/Write
INTE0AD
0070H
0
0
0
0
0
0
0
0
←After reset
INT5
INT4
I5C
I5M2
I5M1
I5M0
I4C
I4M2
I4M1
I4M0
R/W
W
R/W
W
INTE45
0071H
0
0
0
0
0
0
0
0
INT7
INT6
I7C
I7M2
I7M1
I7M0
I6C
I6M2
I6M1
I6M0
R/W
W
R/W
W
INTE67
0072H
0
0
0
0
0
0
0
0
INTT1 (Timer1)
INTT0 (Timer0)
IT1C
IT1M2
IT1M1
IT1M0
IT0C
IT0M2
IT0M1
IT0M0
R/W
W
R/W
W
INTET10
0073H
0
0
0
0
0
0
0
0
INTT3 (Timer3/PWM1)
INTT2 (Timer2/PWM0)
IPW1C
IPW1M2
IPW1M1
IPW1M0
IPW0C
IPW0M2
IPW0M1
IPW0M0
R/W
W
R/W
W
INTEPW10
0074H
0
0
0
0
0
0
0
0
INTTR5 (TREG5)
INTTR4 (TREG4)
IT5C
IT5M2
IT5M1
IT5M0
IT4C
IT4M2
IT4M1
IT4M0
R/W
W
R/W
W
INTET54
0075H
0
0
0
0
0
0
0
0
INTTR7 (TREG7)
INTTR6 (TREG6)
IT7C
IT7M2
IT7M1
IT7M0
IT6C
IT6M2
IT6M1
IT6M0
R/W
W
R/W
W
INTET76
0076H
0
0
0
0
0
0
0
0
INTTX0
INTRX0
ITX0C
ITX0M2
ITX0M1
ITX0M0
IRX0C
IRX0M2
IRX0M1
IRX0M0
R/W
W
R/W
W
INTES0
0077H
0
0
0
0
0
0
0
0
INTTX1
INTRX1
ITX1C
ITX1M2
ITX1M1
ITX1M0
IRX1C
IRX1M2
IRX1M1
IRX1M0
R/W
W
R/W
W
INTES1
0078H
0
0
0
0
0
0
0
0
Note 1: Read-modify-write is prohibited.
Note 2: This note is about clearing interrupt request flags. The interrupt request flags of INTAD, INTRX0, and INTRX1 are not cleared
by writing “0” to IxxC because they are level-sense interrupts.
Figure 3.4.5 Interrupt Priority Setting Register
IxxC
Function (Read)
Function (Write)
0
Indicates no interrupt request.
Clears interrupt request flag.
1
Indicates interrupt request.
Don’t care
IxxM2
IxxM1
IxxM0
Function (Write)
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Prohibits interrupt request.
Sets interrupt request level to “1”.
Sets interrupt request level to “2”.
Sets interrupt request level to “3”.
Sets interrupt request level to “4”.
Sets interrupt request level to “5”.
Sets interrupt request level to “6”.
Prohibits interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com