Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 4Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 5Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 6Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 7Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 8Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 9Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 10Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 11Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-6
Table 2.2.2 Pin Names and Functions (2/4)
Pin Names
Number
of Pins
I/O
Functions
P41
CS1
1
CAS
1
I/O
Output
Output
Port 41: I/O port (with pull-up resistor)
Chip select 1: Outputs 0 if address is within specified address area.
Column address strobe 1: Outputs CAS strobe for DRAM if address is within specified
address area.
P42
CS2
2
CAS
1
I/O
Output
Output
Port 42: I/O port (with pull-down resistor)
Chip select 2: Outputs 0 if address is within specified address area.
Column address strobe 2: Outputs CAS strobe for DRAM if address is within specified
address area.
P50 to P57
AN0 to AN7
8
Input
Input
Port 5: Input port
Analog input: Analog signal input for AD converter
VREFH
1
Input
Pin for high level reference voltage input to AD converter
VREFL
1
Input
Pin for low level reference voltage input to AD converter
P60 to P63
PG00 to PG03
4
I/O
Output
Ports 60 to 63: I/O ports that allow selection of I/O at the bit level
(with pull-up resistor)
Pattern generator ports: 00 to 03
P64 to P67
PG10 to PG13
4
I/O
Output
Ports 64 to 67: I/O ports that allow selection of I/O on a bit basis
(with pull-up resistor)
Pattern generator ports: 10 to 13
P70
TI0
1
I/O
Input
Port 70: I/O port (with pull-up resistor)
Timer input 0: Timer 0 input
P71
TO1
1
I/O
Output
Port 71: I/O port (with pull-up resistor)
Timer output 1: Timer 0 or timer 1 output
P72
TO2
1
I/O
Output
Port 72: I/O port (with pull-up resistor)
PWM output 2: 8-bit PWM timer 2 output
P73
TO3
1
I/O
Output
Port 73: I/O port (with pull-up resistor)
PWM output 3: 8-bit PWM timer 3 output
P80
TI4
INT4
1
I/O
Input
Input
Port 80: I/O port (with pull-up resistor)
Timer input 4: Timer 4 count/capture trigger signal input Interrupt request pin 4:
Interrupt request pin with programmable rising/falling edge
P81
TI5
INT5
1
I/O
Input
Input
Port 81: I/O port (with pull-up resistor)
Timer input 5: Timer 5 count/capture trigger signal input
Interrupt request pin 5: Interrupt request pin with rising edge
P82
TO4
1
I/O
Output
Port 82: I/O port (with pull-up resistor)
Timer output 4: Timer 4 output pin
P83
TO5
1
I/O
Output
Port 83: I/O port (with pull-up resistor)
Timer output 5: Timer 4 output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com