Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 3Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 4Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 5Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 6Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 7Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 8Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 9Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 10Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-5
2.2
Pin Names and Functions
The names of the input/output pins and their functions are described below.
Table 2.2.1 to Table 2.2.4 show pin names and functions.
Table 2.2.1 Pin Names and Functions (1/4)
Pin Names
Number
of Pins
I/O
Functions
P00 to P07
AD0 to AD7
8
I/O
Tri-state
Port 0: I/O port that allows at the bit level
Address/data (lower): Bits 0 to 7 of address/data bus
P10 to P17
AD8 to AD15
A8 to A15
8
I/O
Tri-state
Output
Port 1: I/O port that allows at the bit level
Address data (upper): Bits 8 to 15 of address/data bus
Address: Bits 8 to 15 of address bus
P20 to P27
A0 to A7
A16 to A23
8
I/O
Output
Output
Port 2: I/O port that allows selection of I/O at the bit level
(with pull-down resistor)
Address: bits 0 to 7 of address bus
Address: bits 16 to 23 of address bus
P30
RD
1
Output
Output
Port 30: Output port
Read: Strobe signal for reading external memory
P31
WR
1
Output
Output
Port 31: Output port
Write: Strobe signal for writing data on pins AD0 to AD7
P32
HWR
1
I/O
Output
Port 32: I/O port (with pull-up resistor)
High write: Strobe signal for writing data on pins AD8 to AD15
P33
WAIT
1
I/O
Input
Port 33: I/O port (with pull-up resistor)
Wait: in used to request CPU bus wait
P34
BUSRQ
1
I/O
Input
Port 34: I/O port (with pull-up resistor)
Bus request: Signal used to request bus release
P35
BUSAK
1
I/O
Output
Port 35: I/O port (with pull-up resistor)
Bus acknowledge: Signal used to acknowledge bus release
P36
W
R/
1
I/O
Output
Port 36: I/O port (with pull-up resistor)
Read/write: 1 represents read or dummy cycle; 0 represents write cycle.
P37
RAS
1
I/O
Output
Port 37: I/O port (with pull-up resistor)
Row address strobe: Outputs RAS strobe for DRAM.
P40
CS0
0
CAS
1
I/O
Output
Output
Port 40: I/O port (with pull-up resistor)
Chip select 0: Outputs 0 when address is within specified address area.
Column address strobe 0: Outputs CAS strobe for DRAM when address is within
specified address area.
Note: This device’s built-in memory or built-in I/O cannot be accessed by an external DMA controller using
the BUSRQ and BUSAK signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com