Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 28 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 28 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 24Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 25Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 26Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 27Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 28Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 29Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 30Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 31Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 32Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-26
Table 3.3.5 I/O Operation during HALT Mode
HALT mode
RUN
IDLE2
IDLE1
STOP
WDMOD<HALTM1:0>
00
11
10
01
CPU
HALT
I/O port
Maintain the state when the HALT instruction was executed.
See Table 3.3.8
8-bit timer
8-bit PWM timer
16-bit timer
Pattern generator
Serial interface
AD converter
Watchdog timer
Interrupt controller
(2) How to release the HALT mode
These halt states can be released by resetting or by requesting an interrupt. The halt
release sources are determined by the combinations between the states of the interrupt
mask register<IFF2:0> and the HALT modes. The details for releasing the halt status
are shown in Table 3.3.6.
•
Release by requesting an interrupt
This method of releasing operation from the HALT mode depends on the
interrupt-enabled status being in force. When the interrupt request level set before
executing the HALT instruction exceeds the value of the interrupt mask register,
the interrupt due to that source is processed after releasing the HALT mode, and
then the CPU starts executing the next instruction that follows the HALT
instruction. When the interrupt request level set before executing the HALT
instruction is less than the value of the interrupt mask register, release of the
HALT mode is not executed. (In non-maskable interrupts, interrupt processing is
preformed after releasing the HALT mode regardless of the value of the mask
register.)
INT0 interrupts are a special case in which release of the HALT mode is
executed even if the interrupt request level set before executing the HALT
instruction is less than the value of the interrupt mask register. In this case
interrupt processing is not performed, and the CPU starts executing the next
instruction that follows the HALT instruction, but the interrupt request flag is
held at 1.
Note: Usually, interrupts can release all halts status. However, the interrupts = ( NMI ,
INT0) which can release the HALT mode may not be able to do so if they are
input during the period CPU is shifting to the HALT mode (for about 3 clocks of
fFPH) with IDLE1 or STOP mode (IDLE2 and RUN are not applicable to this
case). (In this case, an interrupt request is kept on hold internally.)
If another interrupt is generated after it has shifted to HALT mode completely,
halt status can be released without difficultly. The priority of this interrupt is
compare with that of the interrupt kept on hold internally, and the interrupt with
higher priority is handled first followed by the other interrupt.
•
Release by resetting
Resetting releases all halt status settings.
It is necessary to allow enough resetting time (3 ms or more) for the operation of
the oscillator to stabilize.
Operate
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com