Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 6Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 7Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 8Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 9Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 10Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 11Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 12Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 13Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-8
Table 2.2.4 Pin Names and Functions (4/4)
Pin Names
Number
of Pins
I/O
Functions
AM8/ AM16
1
Input Address mode: Selects external data bus width.
(On the TMP93CS40)
The Vcc pin should be connected. The data bus width for external
access is set by the chip select/WAIT control register, port 1 control
register.
(On the TMP93CS41)
The Vss pin should be connected to access either fixed 16-bit bus
width, or 16-bit bus interchangeable with 8-bit bus.
The Vcc pin should be connected to access a fixed 8-bit bus width.
ALE
1
Output Address latch enable
(Can be disabled to reduce noise.)
RESET
1
Input Reset: Initializes TMP93CS40/TMP93CS41. (with pull-up resistor)
X1/X2
2
I/O High-frequency oscillator connecting pin
P96
XT1
1
I/O
Input
Port 96: I/O port (open-drain output)
Low-frequency oscillator connecting pin
P97
XT2
1
I/O
Output
Port 97: I/O port (open drain output)
Low-frequency oscillator connecting pin
TEST1/TEST2
2
Output/Input TEST1 pin should be connected to TEST2 pin.
Don’t connect to any other pins.
VCC
3
Power supply pin (All VCC pins should be connected to the power supply pin.)
VSS
3
GND pin (0 V) (All VSS pins should be connected to GND (0 V).)
AVCC
1
Power supply pin for AD converter
AVSS
1
GND pin for AD converter (0 V)
Note: All pins that have built-in pull-up/pull-down resistors (other than the RESET pin) can be
disconnected from the built-in pull-up/pull-down resistor by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com