Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 73 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 73 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 69Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 70Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 71Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 72Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 73Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 74Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 75Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 76Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 77Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-71
3.5.7
Port 6 (P60 to P67)
Port 6 is an 8-bit general-purpose I/O port. I/O can be set on a bit basis. Resetting sets
port 6 as an input port and connects a pull-up resistor. It also sets all bits of the output
latch to 1. In addition to functioning as a general-purpose I/O port, port 6 also functions as
a pattern generator of PG0 or PG1 output. PG0 is assigned to P60 to P63; PG1, to P64 to
P67. Writing 1 in the appropriate bit of the port 6 function register (P6FC) enables PG
output. Resetting resets the function register P6CR, P6FC value to “0”, and sets all bits to
input ports.
Figure 3.5.14 Port 6
Direction control
(on bit basis)
Reset
P6CR write
Port 6
P60 to P67
(PG00 to PG13)
P6 write
P6 read
Selector
A
B
S
Function control
(on bit basis)
P6FC write
Selector
B
A
S
P-ch
Programmable
pull up
S
Output
latch
PG0, 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com