Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 20 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 20 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 16Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 17Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 18Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 19Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 20Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 21Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 22Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 23Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 24Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-18
3.3.1
System Clock Controller
The system clock controller generates the system clock signal (fSYS) for the CPU core and
internal I/O. It contains two oscillation circuits and a clock gear circuit for high frequency
(fc). The register SYSCR1<SYSCK> changes the system clock to either fc or fs,
SYSCR0<XEN> and SYSCR0<XTEN> control enabling and disabling each oscillator, and
SYSCR1<GEAR2:0> changes the high-frequency clock gear to either 1, 2, 4, 8, or 16 (fc, fc/2,
fc/4, fc/8, or fc/16). These functions can reduce the power consumption of the equipment in
which the device is installed.
The system clock (fSYS) is set to fc/32 (fc/16 × 1/2) by the setting of <XEN> = 1, <XTEN> =
0, <SYSCK>
= 0, and <GEAR2:0> = 100 upon resetting.
For example, fSYS is set to 0.625 MHz by resetting in the case where the 20 MHz
oscillator is connected to the X1 and X2 pins.
The high frequency (fc) and low frequency (fs) clock signals can be easily obtained by
connecting a resonator to the X1 and X2, XT1 and XT2 pins, respectively. Clock input from
an external oscillator is also possible.
The XT1 and XT2 pins can also function as ports 96 and 97. Therefore in the case of
single clock mode, the XT1 and XT2 pins can be used as I/O port pins.
Figure 3.3.4 Examples of Resonator Connection
Note 1: Note on using the low-frequency oscillation circuit.
In connecting the low-frequency resonator to ports 96 and 97, it is necessary to make the
following settings to reduce the power consumption.
(Connecting with resonators) P9CR<P96C, P97C>
= 11, P9<P96:97> = 00
(Connecting with oscillators) P9CR<P96C, P97C>
= 11, P9<P96:97> = 10
Note 2: Accurate adjustment of the oscillation frequency
The CLK pin output at 1/2 the system clock frequency (fSYS/2) is used to monitor the
oscillation clock.
With a system requiring adjustment of the oscillation frequency, an adjusting program must
be written.
Low-frequency clock
High-frequency clock
(b) External oscillator
(a) Crystal/ceramic
resonator
(b) External oscillator
(c) Crystal resonator
X1
X2
74HCU04
* See application
circuit in chapter 5.
X1
X2
XT1
XT2
XT1
XT2
(Open)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com