Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 79 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 79 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 75Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 76Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 77Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 78Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 79Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 80Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 81Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 82Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 83Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-77
Port 8 Register
7
6
5
4
3
2
1
0
P8
Bit symbol
P87
P86
P85
P84
P83
P82
P81
P80
(0018H)
Read/Write
R/W
After reset
1
1
1
1
1
1
1
1
Function
Input mode
Port 8 Control Register
7
6
5
4
3
2
1
0
P8CR
Bit symbol
P87C
P86C
P85C
P84C
P83C
P82C
P81C
P80C
(001AH)
Read/Write
W
After reset
0
0
0
0
0
0
0
0
Function
0: Input
1: Output
Port 8 Function Register
7
6
5
4
3
2
1
0
P8FC
Bit symbol
P86F
P83F
P82F
(001CH)
Read/Write
W
W
W
After reset
0
0
0
Function
0: Port
1: TO6
0: Port
1: TO5
0: Port
1: TO4
Figure 3.5.20 Registers for Port 8
Port 8 I/O setting
0
Input
1
Output
Note 1: Read-modify-write is prohibited for registers P8CR and P8FC.
Note 2: When port P8 is used in the input mode, the P8 register controls
the built-in pull-up resistor. Read-modify-write is prohibited in
the input mode or the I/O mode, as it may affect the states of the
pull-up/pull-down resistors.
Note 3: The P80/TI4, P81/TI5, P84/TI6, and P85/TI7 pins do not have a
register changing them from port to function. For example,
when they are used as an input port, the incoming signal is input
to the 16-bit timer as timer input.
When P87/INT0 pin is used as an INT0 pin, set P8CR<P87C>
to “0” and IIMC<I0IE> to “1”.
P8FC<P82F>
1
P8CR<P82C>
1
P8FC<P83F>
1
P8CR<P83C>
1
Setting P82 as TO4
Setting P83 as TO5
P8FC<P86F>
1
P8CR<P86C>
1
Setting P86 as TO6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com