Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 101 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 101 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 97Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 98Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 99Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 100Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 101Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 102Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 103Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 104Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 105Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 248 page
background image
TMP93CS40/TMP93CS41
20004-02-10
93CS40-99
The timer clock selected among fFPH, fc/16, and fs is divided by 4 and input to this
prescaler. The selection is made by system clock control register SYSCR0<PRCK1:0>.
Resetting sets <PRCK1:0> to 00, which selects the fFPH clock input to be divided by 4.
The 8-bit timers 0 and 1 select among 4 clock inputs:
φT1, φT4, φT16, and φT256 of the
prescaler output.
This prescaler can be run or stopped by the timer control register TRUN<PRRUN>.
Counting starts when <PRRUN> is set to “1”. The prescaler is cleared to zero and stops
operation when <PRRUN> is set to “0”.
Resetting clears <PRRUN> to “0” and stops the prescaler.
When the IDLE1 mode (in which only the oscillator operates) is used, set TRUN
<PRRUN> to “0” to reduce the power consumption of the prescaler before the “HALT”
instruction is executed.
2. Up counter
This is an 8-bit binary counter which counts up by the input clock pulse specified by
TMOD.
The input clock of timer 0 is selected from among the external clock from the TI0 pin, and
the three internal clocks
φT1, φT4, and φT16, according to the value set in the TMOD
register.
The input clock used by timer 1 depends on the operation mode. When 16-bit timer mode
is set, the overflow output of timer 0 is used as the input clock. When any mode other than
16-bit timer mode is set, the input clock is selected from among the internal clocks
φT1,
φT16, and φT256 as well as the comparator output (Match detection signal) of timer 0
according to the set value of the TMOD register.
Example: When TMOD<T10M1:0>
= 01, the overflow output of timer 0 becomes the
input clock of timer 1 (16-bit timer mode).
When TMOD<T10M1:0>
= 00 and TMOD<T1CLK1:0> = 01, φT1 becomes the
input of timer 1 (8-bit timer mode).
Similarly, operation mode is also set by the TMOD register. When reset, it is initialized to
TMOD<T01M1:0>
= 00 whereby the up counter is placed in the 8-bit timer mode.
The counting and stop and clear of the up counter can be controlled for each interval
timer by the timer operation control register TRUN. When reset, all up counters will be
cleared to stop the timers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com