Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 114 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 114 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 110Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 111Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 112Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 113Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 114Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 115Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 116Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 117Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 118Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 248 page
background image
TMP93CS40/TMP93CS41
20004-02-10
93CS40-112
In this mode, the value of the register buffer will be shifted into TREG0 if a 2n
− 1
overflow is detected while the double buffer of TREG0 is enabled.
Use of the double buffer makes easy the handling of small-duty waves.
Figure 3.7.15 Operation of Register Buffer
Example: To output the following PWM waves to the TO1 pin at fc
= 20 MHz.
Clock conditions
System clock:
High frequency (fc)
Clock gear:
1 (fc)
Prescaler clock:
fFPH
To implement a PWM cycle of 50.8
µs by utilizing φT1 = 0.4 µs (at fc = 20 MHz),
50.8
µs ÷ 0.4 µs = 127 = 2n − 1
Consequently, n should be set to 7.
As the period of low level is 28.8
µs, for φT1 = 0.4 µs,
set the following value for TREG0.
28.8
µs ÷ 0.4 µs = 72 = 48H
MSB
LSB
7
6
5
4
3
2
1
0
TRUN
← − X − − − − − 0
Stop timer 0 and clear it.
TMOD
← 1 1 1 0 − − 01
Set 8-bit PWM mode (cycle: 2
7
− 1) and select φT1 as the
input clock.
TREG0
← 0 1 0 0 1 0 0 0
Writes “48H”.
TFFCR
← X X X X 1 0 1 X
Clear TFF1, enable the inversion and double buffer.
P7CR
← X X X X − − 1 −
P7FC
← X X X X −− 1X
Set P71 as the TO1 pin.
TRUN
← 1 X − − − − − 1
Start timer 0 counting.
X: Don’t care,
−: No change
28.8
µs
50.8
µs
Up counter
= Q1
Up counter
= Q2
Shift into TREG0
Q1
Q2
Q2
Q3
TREG0 (Register buffer) write
Match with TREG0
2
n
− 1 overflow
TREG 0
(Value to be compared)
Register buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com