Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 225 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 225 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 221Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 222Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 223Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 224Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 225Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 226Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 227Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 228Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 229Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-223
(1) I/O port
Symbol
Name
Address
7
6
5
4
3
2
1
0
P07
P06
P05
P04
P03
P02
P01
P00
R/W
Input mode
P0
Port0
00H
Undefined
P17
P16
P15
P14
P13
P12
P11
P10
R/W
Input mode
P1
Port1
01H
0
0
0
0
0
0
0
0
P27
P26
P25
P24
P23
P22
P21
P20
*
R/W (Note 3)
Input mode
P2
Port2
06H
0
0
0
0
0
0
0
0
P37
P36
P35
P34
P33
P32
P31
P30 (Note 1)
*R/W (Note 3)
Input mode
Output mode
P3
Port 3
07H
1
1
1
1
1
1
1
1
P42
P41
P40
*
R/W (Note 3)
Input mode
P4
Port4
0CH
0
1
1
P57
P56
P55
P54
P53
P52
P51
P50
R
P5
Port5
0DH
Input mode
P67
P66
P65
P64
P63
P62
P61
P60
*R/W (Note 3)
Input mode
P6
Port6
12H
1
1
1
1
1
1
1
1
P73
P72
P71
P70
*R/W (Note 3)
Input mode
P7
Port7
13H
1
1
1
1
P87
P86
P85
P84
P83
P82
P81
P80
*R/W (Note 3)
Input mode
P8
Port8
18H
1
1
1
1
1
1
1
1
P97
P96
P95
P94
P93
P92
P91
P90
R/W
R/W
*R/W (Note 3)
Output
mode
Output
mode
Input mode
P9
Port9
(Note2)
19H
1
1
1
1
1
1
1
1
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
R/W
Input mode
PA
PortA
1EH
1
Note 1: When P30 pin is defined as RD signal output mode (P30F
= 1), clearing the output latch register P30 to “0” outputs the
RD
strobe from P30 pin for PSRAM, even when the internal address is accessed. If the output latch register P30
remains “1”, the RD strobe is output only when the external address is accessed.
Note 2: Port 96, 97 is also used as XT1, XT2. Therefore these pins are open-drain output type.
Read/Write
R/W:
Either read or write is possible
R:
Only read is possible
W:
Only write is possible
Prohibit RMW: Prohibit read-modify-write.
(Prohibit RES/SET/TSET/CHG/STCF/ANDCF/ORCF/XORCF instruction.)
Note 3: *R/W: Read-modify-write is prohibited when controlling the PU/PD resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com