Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS41 Datasheet(PDF) 244 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 244 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 240Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 241Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 242Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 243Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 244Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 245Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 246Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 247Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 248Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 244 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-242
(2) Points to note
1.
EA
, AM8/ AM16 pin
Fix these pins to VCC or GND unless changing voltage.
2. TEST1, TEST2 pin
Connect the TEST1 pin with the TEST2 pin. Do not connect to any other pins.
3. Reserved area in memory space
The 256 bytes of memory between FFFF00H and FFFFFFH cannot be used because
they are reserved.
4.
Standby mode (IDLE1)
When IDLE1 mode (Oscillator operation only) is used, set TRUN<PRRUN> to 0 to
stop the prescaler before the HALT instruction is executed.
5. Warm-up counter
The warm-up counter operates when STOP mode is released even if the system is
using an external oscillator. As a result, a time equivalent warm-up time elapses from
input of the release request to output of the system clock.
6. Micro DMA (DRAM refresh mode)
When the bus is released ( BUSAK
= 0). DRAM refresh cannot be performed because
the micro DMA cannot access the bus.
7. Programmable pull-up/pull-down resistance
The programmable pull-up/pull-down resistors can be turned ON/OFF by the
program when the ports are used as input ports. When the ports are used as outputs,
they cannot be turned ON/OFF by the program.
The data registers (e.g., P2, P3,
…) are used for the pull-up/pull-down resistors
ON/OFF. Consequently read-modify-write instructions are prohibited.
8. Bus release function
Refer to the note about the bus release in 3.5 “Functions of Ports” as it describes the
state of the pins when the bus is released.
9. Watchdog timer
The watchdog timer starts operation immediately after the reset is released. When
the watch dog timer will not be used, disable it.
10. Watchdog timer
When the bus is released, neither internal memory nor internal I/O can be accessed.
However, the internal I/O continues to operate and hence, the watchdog timer
continues to run. Thus, take care when setting the bus release time and the detection
timer for the watchdog timer.
11. AD converter
The ladder resistor between the VREFH and VREFL pins can be cut by a program to
reduce power consumption. When standby mode is used, disable the resistor using the
program before the HALT instruction is executed. And set ADMOD2<SPEED1:0>
=
“00”.
12. CPU (Micro DMA)
Only the “LDC cr, r” and “LDC r, cr” instructions can be used to access the control
registers in the CPU (like the transfer source address register (DMASn)).
13. POP SR instruction
Please execute POP SR instruction during DI condition.
14. Pin states in STOP mode
Open-drain output state. Input gate in operation. Set output to “L” or attach pull up
on pin so that the input gate stays constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com