Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS64FG Datasheet(PDF) 34 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 34 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 30Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 31Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 32Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 33Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 34Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 35Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 36Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 37Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 38Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 252 page
background image
Page 22
2. Operational Descriptions
2.2 System Clock Controller
TMP86FS64FG
Note 1: Reset is performed when both XEN and XTEN are cleared to 0, XEN is cleared to 0 with SYSCK = 0, or XTEN is cleared
to 0 with SYSCK = 1.
Note 2: WDT: watchdog timer, TG: timing generator, *: Don’t care
Note 3: When the bit 3, 1 or 0 of SYSCR2 is read, a don't care is read.
Note 4: Do not set IDLE and TGHALT to 1 simultaneously.
Note 5: Since the IDLE0/SLEEP0 mode is returned to the NORMAL1/SLOW1 mode by the asynchronous internal source clock
specified in TBTCR<TBTCK>, the time to return to the NORMAL1/SLOW1 mode from the IDLE0/SLEEP0 mode is shorter
than the period time specified in TBTCR<TBTCK>.
Note 6: Upon exit from the IDLE1/2 or SLEEP1/2 mode, IDLE is automatically cleared to 0.
Note 7: Upon exit from the IDLE0 or SLEEP0 mode, TGHALT is automatically cleared to 0.
Note 8: When setting TGHAL to 1, stop functions of on-chip peripherals beforehand. If not stopped, an interrupt latch to the
peripherals may be set immediately after the IDLE0 or SLEEP0 mode is exited.
System Control Register 2
7
6
5
4
3210
SYSCR2
(0039H)
XEN
XTEN
SYSCK
IDLE
TGHAL
T
(Initial value: 1000 *0**)
XEN
High-frequency oscillator control
0: Stop oscillation
1: Continue or start oscillation
R/W
XTEN
Low-frequency oscillator control
0: Stop oscillation
1: Continue or start oscillation
SYSCK
System clock select (write)/monitor
(read)
0: High-frequency clock (NORMAL1/NORMAL2/IDLE1/IDLE2)
1: Low-frequency clock (SLOW/SLEEP)
IDLE
CPU and WDT control
(IDLE1/2, SLEEP1/2 mode)
0: CPU, WDT enabled
1: CPU, WDT disabled (Enter IDLE1/2, SLEEP1/2 mode)
R/W
TGHALT
TG control
(IDLE0, SLEEP0 mode)
0: Clocking operation to all peripherals from TG
1: Stop the clocking operation to peripherals except TBT from TG
(Enter IDLE0, SLEEP0 mode)
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com