Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS64FG Datasheet(PDF) 84 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 84 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 80Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 81Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 82Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 83Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 84Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 85Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 86Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 87Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 88Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 252 page
background image
Page 72
5. I/O Ports
TMP86FS64FG
5.12 Port PB (PB7 to PB0)
Port PB is an 8-bit input/output port, which can be configured individually as an input or an output under software
control. Input/output mode is specified by the corresponding bit in the port PB input/output control register (PBCR).
During reset, the PBCR is initialized to “0” which configures port PB as an input. The PB output latches are also ini-
tialized to “0”.
Note 1: i = 7 to 0
Note 2: STOP: bit 7 in SYSCR1, OUTEN: bit 4 in SYSCR1
Figure 5-13 Port PB and PBCR
Note: When used as an input mode, read-modify-write instructions such as bit manipulate instructions cannot be used. Read-
modify-write instruction writes the all data of 8-bit after read and modified. Because a bit setting input mode reads data of
terminal, the output latch is changed by these instructions.
Note: However the PBPU is set to “1” (pull-up), the port configured output is not set up pull-up resistor.
PBDR
(0FB7H)
76
543
21
0
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
(Initial value: 0000 0000)
PBCR
(0FB9H)
76
543
21
0
PBCR7
PBCR6
PBCR5
PBCR4
PBCR3
PBCR2
PBCR1
PBCR0
(Initial value: 0000 0000)
PBCR
I/O control for port PB
(specified for each bit)
0: Input mode
1: Output mode
R/W
PBPU
(0FBBH)
7
6
5
432
10
PBPU7
PBPU6
PBPU5
PBPU4
PBPU3
PBPU2
PBPU1
PBPU0
(Initial value: 0000 0000)
PBPU
Port PB pull up control register
(specified for each bit)
0: Non pull-up
1: Pull-up
R/W
Output latch
STOP
OUTEN
Data input
Data output
PBCRi
PBi
VDD
D
Q
Pull-up resistor
(Typ. 80 k
Ω)
PBPUi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com