Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS64FG Datasheet(PDF) 23 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 23 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 19Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 20Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 21Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 22Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 23Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 24Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 25Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 26Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 27Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 252 page
background image
Page 11
TMP86FS64FG
2. Operational Descriptions
2.1 CPU Core Function
The CPU core consists of a CPU, a system clock controller and an interrupt controller.
This chapter provides descriptions of the CPU core, the program memory, the data memory and the reset circuit.
2.1.1 Memory Address Map
TMP86FS64FG memory consists of RAM and Special Function Register (SFR), which are mapped to a
64 Kbyte address space.
The TMP86FS64FG memory consists of Flash, RAM, Special Function Register (SFR) and Data Buffer
Resister (DBR), which are mapped to a 64 kbyte address space.
Figure 2-1 shows the TMP86FS64FG memory address map.
Figure 2-1 Memory Address Map
SFR
0000H
64 bytes
SFR:
RAM:
Special function register
I/O port
Peripheral hardware control register
Peripheral hardware status register
System control register
Program status word
Random access memory
Data memory
Stack
003FH
RAM
0040H
2048
bytes
083FH
DBR
0F80H
128
bytes
DBR:
Data buffer register
Peripheral hardware control register
Peripheral hardware status register
0FFFH
1000H
Flash:
Program memory
Flash
61440
bytes
FFC0H
Vector table for vector call instructions
(32 bytes)
FFDFH
FFE0H
Instruction vector table
(32 bytes)
FFFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com