Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS64FG Datasheet(PDF) 74 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 74 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 70Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 71Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 72Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 73Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 74Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 75Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 76Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 77Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 78Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 252 page
background image
Page 62
5. I/O Ports
TMP86FS64FG
5.5 Port P4 (P47 to P40)
Port P4 is an 8-bit input/output port, which can be configured individually as an input or an output under software
control. Input/output mode is specified by the corresponding bit in the port P4 input/output control register (P4CR).
During reset, the P4CR is initialized to “0”, which configures port P4 as an input mode. The P4 output latches are
also initialized to “1”.
It is also used as INT0, INT1, INT2/TC1, TC2, DVO and PPG. When used as secondary function pin, the input pins
(INT0, INT1, INT2, TC1, TC2) should be set to the input mode and the output pins (DVO, PPG) should be set to the
output mode beforehand the output latch should be set to “1”.
Port P4 can be configured individually as a tri-state output or sink open drain output under software control. It is
specified by the corresponding bit in the P4ODE. During reset, the P4ODE is initialized to “0”, and then P4CR is set
to “1”, the tri-state output is configured.
P4 port output latch (P4DR) and P4 port terminal input (P4R) are located on their respective address.
When the input mode and output mode are configured simultaneously, even if the bit manipulate instruction is exe-
cuted, the data of the output latch of the terminal set as the input mode is not influenced of the terminal input.
Port P40, P41, P42, P44, P45, P46 and P47 are also used as SCK2, RXD1, TXD1, RXD2, TXD2, INT3/TC3 and
INT4. When used as secondary function pin, the SCK1 pin should be set to the input or output mode, the input pins
(RXD1, RXD2, INT3/TC3, INT4) should be set to the input mode and the output pins (TXD1, TXD2) should be set
to the output.
Note 1: i = 7 to 0
Note 2: STOP: bit 7 in SYSCR1, OUTEN: bit 4 in SYSCR1
Figure 5-6 Port P4
Output latch
STOP
OUTEN
Data input (P4R)
Data output
Data input (P4DR)
Control output
Control input
P4ODEi
P4CRi
P4i
D
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com