Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS64FG Datasheet(PDF) 71 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 71 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 67Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 68Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 69Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 70Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 71Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 72Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 73Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 74Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 75Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 252 page
background image
Page 59
TMP86FS64FG
5.2 Port P1 (P17 to P10)
Port P1 is an 8-bit input/output port, which can be configured individually as an input or an output under software
control. Input/output mode is specified by the corresponding bit in the port P1 input/output control register (P1CR).
During reset, the P1CR is initialized to “0”, which configures port P1 as an input mode. The P1 output latches are
also initialized to “0”.
It is also used as INT0, INT1, INT2/TC1, TC2, DVO and PPG. When used as secondary function pin, the input pins
(INT0, INT1, INT2, TC1,TC2) should be set to the input mode and the output pins (DVO, PPG) should be set to the
output mode beforehand the output latch should be set to “1”.
Note 1: i = 7 to 0
Note 2: STOP: bit 7 in SYSCR1, OUTEN: bit 4 in SYSCR1
Figure 5-3 Port P1
Note: When used as an input mode, read-modify-write instructions such as bit manipulate instructions cannot be used. Read-
modify-write instruction writes the all data of 8-bit after read and modified. Because a bit setting input mode reads data of
terminal, the output latch is changed by these instructions.
P1DR
(0001H)
76
543
21
0
P17
P16
P15
TC2
P14
PPG
P13
DVO
P12
INT2
TC1
P11
INT1
P10
INT0
(Initial value: 0000 0000)
P1CR
(0009H)
76
543
21
0
P1CR7
P1CR6
P1CR5
P1CR4
P1CR3
P1CR2
P1CR1
P1CR0
(Initial value: 0000 0000)
P1CR
I/O control for port P1
(specified for each bit)
0: Input mode
1: Output mode
R/W
Output latch
STOP
OUTEN
Data input
Data output
P1CRi
P1i
D
Q
Control output
Control input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com