Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS64FG Datasheet(PDF) 46 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 46 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 42Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 43Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 44Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 45Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 46Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 47Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 48Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 49Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 50Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 252 page
background image
Page 34
2. Operational Descriptions
2.2 System Clock Controller
TMP86FS64FG
(2) Switching from the SLOW1 mode to NORMAL2 mode
Note: After SYSCK is cleared to 0, instructions are executed continuously by the low-frequency clock
during synchronization period for high-frequency and low-frequency clocks.
First, set SYSCR2<XEN> to 1 to oscillate the high-frequency clock. After the warm-up period time required to assure oscillation
stability with the TimerCounter (TC2) has elapsed, clear SYSCR2<SYSCK> to 0 to switch the system clock to the high-frequency
clock. The SLOW mode is also exited by setting the RESET pin to low, which immediately performs normal reset operation. The
NORMAL1 mode is entered after a reset release.
Example :Switching from SLOW1 mode to NORMAL2 mode with TC2
(fc = 16 MHz, warm-up time = 4.0 ms)
SET
(SYSCR2) . 7
: SYSCR2<XEN>¨1
:(starts high-frequency oscillation.)
LD
(TC2CR), 10H
: sets the TC2 mode.
LD
(TC2DRH), 0F8H
: sets the warm-up time.
: (determines the time depending on the frequency and resonator.)
DI
: IMF¨0
SET
(EIRH). 4
: enables INTTC2 interrupt.
EI
: IMF¨1
SET
(TC2CR). 5
: starts TC2.
¦
PINTTC2
CLR
(TC2CR). 5
: stops TC2.
CLR
(SYSCR2). 5
: SYSCR2<SYSCK>¨0
: (switches the system clock to the high-frequency clock.)
RETI
¦
VINTTC2:
DW
PINTTC2
: INTTC2 vector table
High-frequency clock fc
Low-frequency clock fc
Main system clock
SYSCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com