Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS64FG Datasheet(PDF) 42 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 42 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 38Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 39Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 40Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 41Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 42Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 43Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 44Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 45Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 46Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 252 page
background image
Page 30
2. Operational Descriptions
2.2 System Clock Controller
TMP86FS64FG
2.2.4.3 IDLE0 and SLEEP0 Modes
The IDLE0 mode is controlled by the system control register 2 (SYSCR2) and time base timer. The fol-
lowing status is held during the IDLE0 mode.
• The timing generator stops the clock distribution to the on-chip peripherals except the time base
timer.
• The data memory, registers, program status words and port output latches hold the status that acti-
vated the IDLE0 or SLEEP0 mode.
• The program counter holds the address of the instruction after next to the instruction to activate
the IDLE0 or SLEEP0 mode.
Note: Before entering the IDLE0 or SLEEP0 mode, the on-chip peripherals must be disabled.
Figure 2-12 IDLE0 or SLEEP0 Mode
Stopping operations
of the on-chip functions
(Instruction)
CPU and WDT halted
Interrupt processing
Reset
Yes
No
No
No
"0"
Reset input
Yes
Yes
(Interrupt service routine)
(Normal execution)
TBTCR<TBTEN>
TBT interrupt
enabled
Falling the TBT
source clock
IMF = "1"
Yes
"1"
No
No
Entering the IDLE0 or
SLEEP0 mode
(Instruction)
Execution of the instruction
immediately following the
instruction that activated the
IDLE0 or SLEEP0 mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com