Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS64FG Datasheet(PDF) 29 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 29 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 25Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 26Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 27Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 28Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 29Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 30Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 31Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 32Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 33Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 252 page
background image
Page 17
TMP86FS64FG
2.2.3.1 Single-Clock Mode
In the single-clock mode, only the oscillator for high-frequency clock is used. The P21(XTIN) and P22
(XTOUT) pins for the low-frequency clock can be used as usual I/O ports. Since the main system clock is
generated from the high-frequency clock, the machine cycle time becomes 4/fc [s] in the single-clock
mode.
(1) NORMAL1 mode
In the NORMAL1 mode, the CPU core and on-chip peripherals operate using the high-frequency
clock. After reset is released, NOMAL1 mode is entered.
(2) IDLE1 mode
In the IDLE1 mode, the CPU and watchdog timer are halted, and on-chip peripherals are clocked
by the high-frequency clock. To enter the IDLE1 mode, set IDEL in the system control register 2
(SYSCR2) to 1. The IDLE1 mode is exited by the interrupt from the on-chip peripherals or external
interrupts, and returned to the NORMAL1 mode. When the IMF (interrupt master enable flag) is set
to 1 (interrupt enable), the normal operation is performed after the interrupt processing is completed.
When the IMF is set to 0 (interrupt disable), program execution resumes with the instruction immedi-
ately following the instruction that activated the IDLE1 mode.
(3) IDLE0 mode
In the IDLE0 mode, the CPU and on-chip peripherals are halted except oscillator and TBT. The
IDEL0 mode is entered by setting the system control register SYSCR2<TGHALT> to 1 in the
NORMAL1 mode. When the IDLE0 mode is entered, the CPU is halted and the timing generator
stops clocking to the peripherals except TBT. When detecting the falling edge of the source clock set
in TBTCR<TBTCK>, the timing generator starts clocking to all on-chip peripherals.
When the IDLE0 mode is exited, the CPU restarts operation and returns to the NORMAL1 mode.
The IDLE0 mode is entered and returned to the NORMAL1 mode regardless of setting in
TBTCR<TBTEN>. Interrupt processing is performed when IMF = 1, EF8 (TBT interrupt enable
flag) = 1, and TBTCR<TBTEN> = 1.
When the IDLE0 mode is entered with TBTCR<TBTEN> = 1, INTTBT interrupt latch is set after
returning to the NORMAL mode.
2.2.3.2 Dual-Clock Mode
In the dual-clock mode, two oscillators for high-frequency and low-frequency are used. The P21
(XTIN) and P22 (XTOUT) pins are used for the low-frequency clock pins. (In the dual-clock mode, these
pins can not be used as I/O ports.) The main system clock is generated by the high-frequency clock in the
NORMAL2 and IDLE2 modes, and the low-frequency clock in the SLOW1/2 and SLEEP1/2 modes.
Therefore, the machine cycle time is 4/fc [s] in the NORMAL2 and IDLE2 modes, and 4/fs [s] (122
µs @
fs = 32.768 kHz) in the SLOW and SLEEP modes.
The TLCS-870/C series is put in the single-clock mode during reset. To use the dual-clock mode, oscil-
late the low-frequency clock at the top of the program.
(1) NORMAL2 Mode
The CPU core operates with high-frequency clock. On-chip peripherals operate with high- and
low-frequency clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com