Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS64FG Datasheet(PDF) 27 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 27 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 23Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 24Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 25Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 26Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 27Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 28Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 29Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 30Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 31Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 252 page
background image
Page 15
TMP86FS64FG
Figure 2-4 Timing Generator Configuration
Note 1: fc: High-frequency clock [Hz], *: Don't care
Note 2: The bit 4 and 3 are read as a don't care when the read instruction is executed to CGCR.
Table 2-3 Division Ratio of the Divider
DV7CK = 0
DV7CK = 1
DV7CK = 0
DV7CK = 1
DV1CK = 0
DV1CK = 1
DV1CK = 0
DV1CK = 1
DV1CK = 0
DV1CK = 1
DV1CK = 0
DV1CK = 1
DV1
fc/23
fc/24
fc/23
fc/24
DV12
fc/214
fc/215
fs/26
DV2
fc/24
fc/25
fc/24
fc/25
DV13
fc/215
fc/216
fs/27
DV3
fc/25
fc/26
fc/25
fc/26
DV14
fc/216
fc/217
fs/28
DV4
fc/26
fc/27
fc/26
fc/27
DV15
fc/217
fc/218
fs/29
DV5
fc/27
fc/28
fc/27
fc/28
DV16
fc/218
fc/219
fs/210
DV6
fc/28
fc/29
fc/28
fc/29
DV17
fc/219
fc/220
fs/211
DV7
fc/29
fc/210
fs/2
DV18
fc/220
fc/221
fs/212
DV8
fc/210
fc/211
fs/22
DV19
fc/221
fc/222
fs/213
DV9
fc/211
fc/212
fs/23
DV20
fc/222
fc/223
fs/214
DV10
fc/212
fc/213
fs/24
DV21
fc/223
fc/224
fs/215
DV11
fc/213
fc/214
fs/25
Divider Control Register
CGCR
(0030H)
7
654
321
0
"0"
"0"
DV1CK
"0"
"0"
"0"
"0"
"0"
(Initial value: **0* ****)
DV1CK
Selection of the input clock to the 1st
stage of the divider [Hz]
0:
1:
fc/4
fc/8
R/W
SYSCR2<SYSCK>
TBTCR<DV7CK>
High-frequency
clock fc
Low-frequency
clock fc
CGCR<DV1CK>
Prescaler
Divider
Divider
Selector
Selector
Selector
fc or fs
Machine cycle counter
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
S
A
Y
B
S
A
Y
B
S
B0
B1
A0 Y0
A1 Y1
6
5
4
3
2
1
1 2
0
Main system clock generator
Warm-up
controller
Watchdog
timer
TimerCounter, time base timer, divider output, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com