Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS64FG Datasheet(PDF) 52 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 52 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 48Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 49Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 50Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 51Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 52Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 53Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 54Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 55Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 56Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 252 page
background image
Page 40
3. Interrupt Control Circuit
3.2 Interrupt enable register (EIR)
TMP86FS64FG
The interrupt latches are located on address 003CH and 003DH in SFR area. Each latch can be cleared to "0" indi-
vidually by instruction. However, IL2 and IL3 should not be cleared to "0" by software. For clearing the interrupt
latch, load instruction should be used and then IL2 and IL3 should be set to "1". If the read-modify-write instructions
such as bit manipulation or operation instructions are used, interrupt request would be cleared inadequately if inter-
rupt is requested while such instructions are executed.
Interrupt latches are not set to “1” by an instruction.
Since interrupt latches can be read, the status for interrupt requests can be monitored by software.
Note: In main program, before manipulating the interrupt enable flag (EF) or the interrupt latch (IL), be sure to clear IMF to
"0" (Disable interrupt by DI instruction). Then set IMF newly again as required after operating on the EF or IL
(Enable interrupt by EI instruction)
In interrupt service routine, because the IMF becomes "0" automatically, clearing IMF need not execute normally on
interrupt service routine. However, if using multiple interrupt on interrupt service routine, manipulating EF or IL
should be executed before setting IMF="1".
3.2 Interrupt enable register (EIR)
The interrupt enable register (EIR) enables and disables the acceptance of interrupts, except for the non-maskable
interrupts (Software interrupt, undefined instruction interrupt, address trap interrupt and watchdog interrupt). Non-
maskable interrupt is accepted regardless of the contents of the EIR.
The EIR consists of an interrupt master enable flag (IMF) and the individual interrupt enable flags (EF). These
registers are located on address 003AH and 003BH in SFR area, and they can be read and written by an instructions
(Including read-modify-write instructions such as bit manipulation or operation instructions).
3.2.1 Interrupt master enable flag (IMF)
The interrupt enable register (IMF) enables and disables the acceptance of the whole maskable interrupt.
While IMF = “0”, all maskable interrupts are not accepted regardless of the status on each individual interrupt
enable flag (EF). By setting IMF to “1”, the interrupt becomes acceptable if the individuals are enabled. When
an interrupt is accepted, IMF is cleared to “0” after the latest status on IMF is stacked. Thus the maskable inter-
rupts which follow are disabled. By executing return interrupt instruction [RETI/RETN], the stacked data,
which was the status before interrupt acceptance, is loaded on IMF again.
The IMF is located on bit0 in EIRL (Address: 003AH in SFR), and can be read and written by an instruction.
The IMF is normally set and cleared by [EI] and [DI] instruction respectively. During reset, the IMF is initial-
ized to “0”.
Example 1 :Clears interrupt latches
DI
; IMF
← 0
LDW
(ILL), 1110100000111111B
; IL12, IL10 to IL6
← 0
EI
; IMF
← 1
Example 2 :Reads interrupt latchess
LD
WA, (ILL)
; W
← ILH, A ← ILL
Example 3 :Tests interrupt latches
TEST
(ILL). 7
; if IL7 = 1 then jump
JR
F, SSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com