Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS64FG Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 14Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 15Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 16Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 17Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 18Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 19Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 20Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 21Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 22Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 252 page
background image
Page 6
1.4 Pin Names and Functions
TMP86FS64FG
1.4 Pin Names and Functions
The TMP86FS64FG has MCU mode, parallel PROM mode, and serial PROM mode. Table 1-1 shows the pin
functions in MCU mode. The serial PROM mode is explained later in a separate chapter.
Table 1-1 Pin Names and Functions(1/4)
Pin Name
Pin Number
Input/Output
Functions
P07
60
IO
PORT07
P06
59
IO
PORT06
P05
58
IO
PORT05
P04
57
IO
PORT04
P03
56
IO
PORT03
P02
55
IO
PORT02
P01
54
IO
PORT01
P00
53
IO
PORT00
P17
52
IO
PORT17
P16
51
IO
PORT16
P15
TC2
50
IO
I
PORT15
TC2 input
P14
PPG
49
IO
O
PORT14
PPG output
P13
DVO
48
IO
O
PORT13
Divider Output
P12
INT2
TC1
47
IO
I
I
PORT12
External interrupt 2 input
TC1 input
P11
INT1
46
IO
I
PORT11
External interrupt 1 input
P10
INT0
45
IO
I
PORT10
External interrupt 0 input
P22
XTOUT
7
IO
O
PORT22
Low frequency OSC output pin
P21
XTIN
6
IO
I
PORT21
Low frequency OSC input pin
P20
INT5
STOP
9
IO
I
I
PORT20
External interrupt 5 input
STOP mode release input
P37
SO2
17
IO
O
PORT37
Serial Data Output 2
P36
SI2
16
IO
I
PORT36
Serial Data Input 2
P35
SO1
15
IO
O
PORT35
Serial Data Output 1
P34
SI1
14
IO
I
PORT34
Serial Data Input 1
P33
SCK1
13
IO
IO
PORT33
Serial Clock I/O 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com