Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS64FG Datasheet(PDF) 26 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 26 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 22Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 23Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 24Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 25Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 26Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 27Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 28Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 29Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 30Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 252 page
background image
Page 14
2. Operational Descriptions
2.2 System Clock Controller
TMP86FS64FG
2.2.2 Timing Generator
The timing generator generates various types of system clocks which are supplied to the CPU core or periph-
eral hardware from the basic clock (fc or fs). The timing generator provides the following functions.
1. Generating the main system clock
2. Generating the divider output (DVO) pulses
3. Generating the source clocks for the time base timer
4. Generating the source clocks for the watchdog timer
5. Generating the internal source clocks for the TimerCounter
6. Generating the warm-up clocks upon exit from the STOP mode
2.2.2.1 Timing Generator Configuration
The timing generator consists of a 3-stage prescaler, a 21-stage divider, a main system clock generator
and a machine cycle counter.
Either the clock fc/4 output from the 2nd stage or the clock fc/8 output from the 3rd stage can be
selected as the clock input to the 1st stage of the divider by CGCR<DV1CK>. This function enables to
operate the peripheral circuits without program change by inputting fc/8 to the 1st stage of the divider
when the operation clock is multiplied by 2. (ex., 8 MHz to 16 MHz)
The input clock to the 7th stage of the divider depends on SYSCR2<SYSCK>, TBTCR<DV7CK> and
CGCR<DV1CK> settings, as shown in Table 2-2.
The prescaler and divider are cleared to 0 upon reset and entry to/exit from the STOP mode.
Note: TBTCR<DV7CK> indicates the bit 4 (DV7CK) of the timing generator (TBTCR). Hereafter, this nota-
tional convention is used for each functional bit of the register.
Note 1: Do not set TBTCR<DV7CK> to 1 during the NORMAL1 or IDLE1 mode.
Note 2: Since the input clock to the 1st stage of the divider is stopped in the SLOW1/2 or SLEEP1/2 mode,
output from the 1st to 7th stages of the divider is also stopped.
Table 2-1 Divider Output
Divider Output
DV1CK = 0
DV1CK = 1
DV1G
DV2G
DV3G
DV4
DV5
DV1G
DV2G
DV3G
DV4
DV5
fc/23
fc/24
fc/25
fc/26
fc/27
fc/24
fc/25
fc/26
fc/27
fc/28
Table 2-2 Input Clock to 7th Stage of the Divider [Hz]
NORMAL1, IDLE1 mode
NORMAL2, IDLE2 mode (SYSCK=0)
SLOW1/2, SLEEP1/2
mode
(SYSCK = 1)
DV7CK = 0
DV7CK = 0
DV7CK = 1
DV1CK = 0
DV1CK = 1
DV1CK = 0
DV1CK = 1
fc/28
fc/29
fc/28
fc/29
fs
fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com