Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS64FG Datasheet(PDF) 69 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 69 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 65Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 66Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 67Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 68Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 69Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 70Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 71Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 72Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 73Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 252 page
background image
Page 57
TMP86FS64FG
5. I/O Ports
The TMP86FS64FG have 12 parallel input/output ports (91 pins) as follows.
1. Port P0 (8-bit I/O port)
2. Port P1 (8-bit I/O port)
• External interrupt input, timer/counter input, divider output.
3. Port P2 (3-bit I/O port)
• External interrupt input, STOP mode release signal input.
4. Port P3 (8-bit I/O port)
• Timer/counter input, serial interface input/output.
5. Port P4 (8-bit I/O port)
• Timer/counter input, serial interface input/output, external interrupt input.
6. Port P5 (8-bit I/O port)
7. Port P6 (8-bit I/O port)
• Analog input.
8. Port P7 (8-bit I/O port)
• Analog input, STOP mode release signal input.
9. Port P8 (8-bit I/O port)
10. Port P9 (8-bit I/O port)
11. Port PA (8-bit I/O port)
12. Port PB (8-bit I/O port)
Each output port contains a latch, which holds the output data. All input ports do not have latches, so the external
input data should be externally held until the input data is read from outside or reading should be performed several
timer before processing. Figure 5-1 shows input/output timing examples.
External data is read from an I/O port in the S1 state of the read cycle during execution of the read instruction. This
timing cannot be recognized from outside, so that transient input such as chattering must be processed by the pro-
gram.
Output data changes in the S2 state of the write cycle during execution of the instruction which writes to an I/O
port.
Note: The positions of the read and write cycles may vary, depending on the instruction.
Figure 5-1 Input/Output Timing (Example)
Instruction
execution cycle
Input strobe
Data input
Ex: LD A, (x)
Fetch cycle
Fetch cycle
Read cycle
S0 S1 S2 S3 S0 S1 S2 S3 S0 S1 S2 S3
Instruction
execution cycle
Output strobe
Data output
Ex: LD (x), A
Fetch cycle
Fetch cycle
Write cycle
S0 S1 S2 S3 S0 S1 S2 S3 S0 S1 S2 S3
(a) Input timing
(b) Output timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com