Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7173 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # VSC7173
Description  Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC7173 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button VSC7173 Datasheet HTML 3Page - Maxim Integrated Products VSC7173 Datasheet HTML 4Page - Maxim Integrated Products VSC7173 Datasheet HTML 5Page - Maxim Integrated Products VSC7173 Datasheet HTML 6Page - Maxim Integrated Products VSC7173 Datasheet HTML 7Page - Maxim Integrated Products VSC7173 Datasheet HTML 8Page - Maxim Integrated Products VSC7173 Datasheet HTML 9Page - Maxim Integrated Products VSC7173 Datasheet HTML 10Page - Maxim Integrated Products VSC7173 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7 of 17
VSC7173
Data Sheet
Revision 4.1
May 23, 2005
Confidential
High-Speed Inputs
The high-speed input receivers are designed to achieve Serial ATA 1.0 compliance using AC-coupling as described in
the Serial ATA 1.0 specification. Recommended input AC-coupling capacitor values are 0.01
µF. The high-speed
input receiver contains an OOB signal detector as shown in Figure 6.
OOB Transfer
The VSC7173 cleanly transfers OOB signals from high-speed inputs to outputs. Two status outputs, OOBPORT0 and
OOBPORT1, indicate whether the input signal is data or a common-mode state. OOBPORT1 and OOBPORT1
correspond to port 0 and port 1, respectively. An OOB detector monitors the amplitude of an incoming signal in
parallel with each high-speed input. When the amplitude is less than the OOB threshold, the OOB status output is
driven HIGH. When the incoming amplitude is greater than the OOB threshold, the OOB status output is driven
LOW.
Setting the OOBSEL1 and OOBSEL0 inputs as shown in the following table configures the OOB threshold level for
all three ports.
NOTE:
All values are differential peak-to-peak voltages.
Figure 5. Pre-Emphasis Diagram
Figure 6. High-Speed Input Receiver
Table 5. Setting the OOB Threshold Level
OOBSEL1
OOBSEL0
OOB THRESHOLD LEVEL
1
0
Nominal setting (150 mV to 250 mV)
0
0
Decrease by ~40 mV
0
1
Decrease by ~80 mV
1
1
Increase by ~40 mV
0
0
1
1
1
1
1
0
1
0
Pre-Emphasis Disabled
0
0
1
1
1
1
1
0
1
0
Pre-Emphasis Enabled
VOUT
VOUT
Input
InputN
Input Receiver
OOB Detector
OOB Status
(OOBPORTx signal)
Data
OOBSEL0
OOBSEL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com