Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7173 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # VSC7173
Description  Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC7173 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button VSC7173 Datasheet HTML 9Page - Maxim Integrated Products VSC7173 Datasheet HTML 10Page - Maxim Integrated Products VSC7173 Datasheet HTML 11Page - Maxim Integrated Products VSC7173 Datasheet HTML 12Page - Maxim Integrated Products VSC7173 Datasheet HTML 13Page - Maxim Integrated Products VSC7173 Datasheet HTML 14Page - Maxim Integrated Products VSC7173 Datasheet HTML 15Page - Maxim Integrated Products VSC7173 Datasheet HTML 16Page - Maxim Integrated Products VSC7173 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16 of 17
VSC7173
Data Sheet
Revision 4.1
May 23, 2005
Confidential
Recommended Land Pattern
Figure 11. Recommended Land Pattern
D
E
C
B
Land Pad Detail
F
G
Vias (16 places)
Stencil Openings (16 places)
A
A1
A2
NOTES: All vias 0.30 to 0.33 diameter, plugged.
Drawing not to scale.
All dimensions are in mm unless otherwise noted.
Item
7 mm x 7 mm x 0.9 mm
Exposed Pad QFP-N
Comments
A
7.445 maximum
A1
5.325 minimum
A2
4.92 maximum
B
0.37 maximum
C1.06
D
4.95 minimum
5.075 typical
5.20 maximum
Thermal land dimensions
E
5.10
Solder mask opening dimension
F
1.0
Stencil opening dimensions
G
1.2
Stencil opening and via spacing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com