Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7173 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # VSC7173
Description  Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC7173 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button VSC7173 Datasheet HTML 7Page - Maxim Integrated Products VSC7173 Datasheet HTML 8Page - Maxim Integrated Products VSC7173 Datasheet HTML 9Page - Maxim Integrated Products VSC7173 Datasheet HTML 10Page - Maxim Integrated Products VSC7173 Datasheet HTML 11Page - Maxim Integrated Products VSC7173 Datasheet HTML 12Page - Maxim Integrated Products VSC7173 Datasheet HTML 13Page - Maxim Integrated Products VSC7173 Datasheet HTML 14Page - Maxim Integrated Products VSC7173 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11 of 17
VSC7173
Data Sheet
Revision 4.1
May 23, 2005
Confidential
Operating Conditions
1. Lower limit of specification is ambient temperature, and upper limit is case temperature.
Maximum Ratings
Stresses listed under Maximum Ratings may be applied to devices one at a time without causing permanent damage. Functionality at or above the values listed is
not implied. Exposure to these values for extended periods may affect device reliability.
Table 11. Recommended Operating Conditions
Symbol
Parameter
Minimum
Typical
Maximum
Unit
VDD
Power supply voltage
3.0
3.3
3.6
V
T
Operating temperature(1)
0+90
°C
Table 12. Absolute Maximum Ratings
Symbol
Parameter
Minimum
Maximum
Unit
VDD
Power supply voltage
–0.5
+4.0
V
VINT
LVTTL input voltage
–0.5
VDD + 0.5
V
VOUTT
LVTTL output voltage
–0.5
VDD + 0.5
V
IOT
LVTTL output current
–50
+50
mA
VINS
Serial input voltage
–0.5
VDD + 0.5
V
VOUTS
Serial output voltage
–0.5
VDD + 0.5
V
IOS
Serial output current
–50
+50
mA
TS
Storage temperature
–65
+140
°C
VESD
Electrostatic voltage discharge, human body model
–4000
+4000
V
ELECTROSTATIC DISCHARGE
This device can be damaged by ESD. Maxim recommends that all integrated circuits
be handled with appropriate precautions. Failure to observe proper handling and
installation procedures may adversely affect reliability of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com